Electronic Components Datasheet Search
  English  ▼

X  

DS1692 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1692
Description  TRI-STATE Differential Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1692 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS1692 Datasheet HTML 1Page - National Semiconductor (TI) DS1692 Datasheet HTML 2Page - National Semiconductor (TI) DS1692 Datasheet HTML 3Page - National Semiconductor (TI) DS1692 Datasheet HTML 4Page - National Semiconductor (TI) DS1692 Datasheet HTML 5Page - National Semiconductor (TI) DS1692 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS1692/DS3692
TRI-STATE® Differential Line Drivers
General Description
The DS1692/DS3692 are low power Schottky TTL line driv-
ers electrically similar to the DS1691A/DS3691 but tested to
meet the requirements of MIL-STD-188-114A (see Applica-
tion Note AN-216). MIL-STD-188-114A type 1 driver specifi-
cations can be met by adding an external three resistor volt-
age divider to the output of the DS3692/1692. The DS3692/
1692 feature 4 buffered outputs with high source and sink
current capability with internal short circuit protection.
With the mode select pin low, the DS1692/DS3692 are dual
differential line drivers with TRI-STATE outputs. They feature
±10V output common-mode range in TRI-STATE and 0V
output unbalance when operated with ±5V supply.
Multipoint applications in differential mode with waveshaping
capacitors is not allowed.
Features
n Short circuit protection for both source and sink outputs
n 100
Ω transmission line drive capability
n Low ICC and IEE power consumption:
Differential
mode:
I
CC = 9 mA/driver typ, IEE = 5 mA/driver typ
n Low current PNP inputs compatible with TTL, MOS and
CMOS
n Adaptable as MIL-STD-188-114A type 1 driver
Logic Diagram (1⁄2 Circuit Shown)
Connection Diagram
Inputs
Outputs
Mode
A (D)
Disable1 (2)
A (D)
B (C)
00
0
0
1
0
0
1
TRI-STATE TRI-STATE
01
0
1
0
0
1
1
TRI-STATE TRI-STATE
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS005784-1
DS005784-2
*Contact Product Marketing for availability.
Top View
Order Number DS1692J, DS3692J,
DS3692M or DS3692N
See NS Package Number J16A, M16A* or N16A
March 1992
© 1999 National Semiconductor Corporation
DS005784
www.national.com


Similar Part No. - DS1692

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1691 NSC-DS1691 Datasheet
275Kb / 10P
(RS-422/RS-423) Line Drivers with TRI-STATE Outputs
logo
Dallas Semiconductor
DS1691 DALLAS-DS1691 Datasheet
46Kb / 5P
3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1691 DALLAS-DS1691 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1691 MAXIM-DS1691 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
(RS-422/RS-423) Line Drivers with TRI-STATE Outputs
More results

Similar Description - DS1692

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
Dec-2002
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
logo
National Semiconductor ...
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
Dual TRI-STATE Differential Line Driver
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM74S940 NSC-DM74S940 Datasheet
117Kb / 2P
TRI-STATE Buffers/Line Drivers/Line Receivers
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
Quad TRI-STATE Differential Line Driver
logo
Holt Integrated Circuit...
HI-3718 HOLTIC-HI-3718 Datasheet
1Mb / 17P
Line drivers have independent tri-state control
logo
Texas Instruments
DS1691A TI1-DS1691A Datasheet
1,000Kb / 15P
Line Drivers with TRI-STATE Outputs
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
CMOS Quad TRI-STATE Differential Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com