Electronic Components Datasheet Search
  English  ▼

X  

SN75DP119RHHT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP119RHHT
Description  DisplayPort 1:1 Signal Repeater and Signal Conditioner
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP119RHHT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN75DP119RHHT Datasheet HTML 8Page - Texas Instruments SN75DP119RHHT Datasheet HTML 9Page - Texas Instruments SN75DP119RHHT Datasheet HTML 10Page - Texas Instruments SN75DP119RHHT Datasheet HTML 11Page - Texas Instruments SN75DP119RHHT Datasheet HTML 12Page - Texas Instruments SN75DP119RHHT Datasheet HTML 13Page - Texas Instruments SN75DP119RHHT Datasheet HTML 14Page - Texas Instruments SN75DP119RHHT Datasheet HTML 15Page - Texas Instruments SN75DP119RHHT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
GPU1
MAIN[1:0]
MLA[1:0]
OUT[1:0]
AUX+
2:1 FET
1 or 2 diff
AUX_A+
GPU2
MAIN[1:0]
MLB[1:0]
AUX+
AUXSNKn
AUXSNKp
AUX-
HPD
HPD
LCDpanel
connector
1 or 2 diff
IN[1:0]
OUT[1:0]
DP119
AUX_A-
AUX_B+
AUX_B-
AUX-
2:1 FET
1 or 2 diff
SN75DP119
SLLSE12A – NOVEMBER 2009 – REVISED JULY 2014
www.ti.com
Functional Block Diagram (continued)
Figure 7. Typical Implementation Showing Two GPU Sources, a 2:1 FET Switch, and the DP119 as Signal
Conditioner
9.3 Feature Description
9.3.1 Pre-Emphasis and VOD Output Swing Setings
The SN75DP119 allows configuring output pre-emphasis and output swing through the external control inputs.
The following options are valid:
Table 1. Pre-Emphasis and VOD Output Swing Configuration
PRE_CTL = VCC/2
PRE_CTL = LOW
PRE_CTL = HIGH
(INPUT LEFT FLOATING)
VOD = 300 mVPP;
VOD = 300 mVPP;
VOD = 300 mVPP;
VOD_CTL = LOW
2.5 dB pre-emphasis
6 dB pre-emphasis
8.5 dB pre-emphasis
(lowest power consumption)
VOD_CTL = VCC/2
VOD = 400 mVPP;
VOD = 400 mVPP;
VOD = 400 mVPP;
(input left floating)
no pre-emphasis
3.5 dB pre-emphasis
5.5 dB pre-emphasis
VOD = 600 mVPP;
VOD = 600 mVPP;
VOD = 800 mVPP,
VOD_CTL = HIGH
no pre-emphasis
2.5 dB pre-emphasis
no pre-emphasis
12
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: SN75DP119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com