Electronic Components Datasheet Search
  English  ▼

X  

SN75LP1185 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LP1185
Description  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LP1185 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LP1185 Datasheet HTML 1Page - Texas Instruments SN75LP1185 Datasheet HTML 2Page - Texas Instruments SN75LP1185 Datasheet HTML 3Page - Texas Instruments SN75LP1185 Datasheet HTML 4Page - Texas Instruments SN75LP1185 Datasheet HTML 5Page - Texas Instruments SN75LP1185 Datasheet HTML 6Page - Texas Instruments SN75LP1185 Datasheet HTML 7Page - Texas Instruments SN75LP1185 Datasheet HTML 8Page - Texas Instruments SN75LP1185 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN75LP1185
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS335A – JANUARY 1999 – REVISED JANUARY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC SHRINK
SMALL-OUTLINE
(DB)
PLASTIC
SMALL OUTLINE
(DW)
PLASTIC
DIP
(N)
0
°C to 70°C
SN75LP1185DBR
SN75LP1185DW
SN75LP1185N
The DB package is only available taped and reeled. The DW package also is available
taped and reeled. Add the suffix R to device type (e.g., SN75LP1185DWR).
Function Tables
DRIVER
INPUT
DA
OUTPUT
DY
H
L
L
H
Open
L
RECEIVER
INPUT
RA
OUTPUT
RY
H
L
L
H
Open
H
logic diagram (positive logic)
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
RA1
RA2
RA3
DY1
DY2
RA4
DY3
RA5
RY1
RY2
RY3
DA1
DA2
RY4
DA3
RY5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com