Electronic Components Datasheet Search
  English  ▼

X  

SN761677DA Datasheet(PDF) 14 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN761677DA Datasheet HTML 10Page - Texas Instruments SN761677DA Datasheet HTML 11Page - Texas Instruments SN761677DA Datasheet HTML 12Page - Texas Instruments SN761677DA Datasheet HTML 13Page - Texas Instruments SN761677DA Datasheet HTML 14Page - Texas Instruments SN761677DA Datasheet HTML 15Page - Texas Instruments SN761677DA Datasheet HTML 16Page - Texas Instruments SN761677DA Datasheet HTML 17Page - Texas Instruments SN761677DA Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
14
COMPONENT VALUES FOR MEASUREMENT CIRCUIT (TENTATIVE)
PART NAME
VALUE
C1, C2, C4
1 pF
C3
47 pF
C5
1.5 pF
C6
56 pF
C7–C10
1 pF (axial ceramic)
C11
100 pF
C12
13 pF (axial ceramic)
C13, C14, C16, C17, C19–C21,
C34–C39, C64, C101
2.2 nF
C18, C23
0.047
µF
C24
68 pF
C33
18 pF
C41, C60, C62, C201
Not mounted
C50
3 pF
R1 , R2, R4, R5, R8
33 k
Ω
R7
100 k
Ω
R10, R21, R101, R201
0
Ω
R16–R19
330
Ω
R30
20
Ω
R31
50
Ω
L1
2.6
φ, 8T, wire 0,3 mm
L2
2.4
φ, 4T, wire 0,4 mm
L3
2.8
φ, 2T, wire 0,4 mm
L4
2.1
φ, 3T, wire 0,4 mm
L9, L10
2.5
φ, 16T, wire 0,25 mm
VC1, VC2, VC3
1T363A
X1
4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com