Electronic Components Datasheet Search
  English  ▼

X  

TS6B01G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS6B01G
Description  Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS6B01G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS6B01G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS6B01G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 502 -
.118(3.0)X45
0
.043(1.1)
.035(0.9)
.087(2.2)
.071(1.8)
.303(7.7)
.287(7.3)
.030(0.75)
.022(0.55)
.709(18)
.669(17)
.068(1.73)
.060(1.52)
.176(4.37)
.156(3.96)
.147(3.7)
.130(3.3)
.602(15.3)
.579(14.7)
.134(3.4)
.122(3.1)
.996(25.3)
.972(24.7)
TS6B01G THRU TS6B07G
Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
6.0 Amperes
Features
a UL Recognized File # E-96005
a Ideal for printed circuit board
a Reliable low cost construction
a Plastic material has Underwriters
Laboratory Flammability Classification
94V-0
a Surge overload rating to 150 amperes
peak
Mechanical Data
a Case: Molded plastic
a Terminals: Leads solderable per MIL-
Terminals: STD-750, Method 2026
a Weight: 0.15 ounce, 4 grams
a Mounting torque: 5 in. lbs. max.
TS4B
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
TS6B
01G
TS6B
02G
TS6B
03G
TS6B
04G
TS6B
05G
TS6B
06G
TS6B
07G
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 2
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
150
A
Maximum Instantaneous Forward Voltage
@ 6.0A
1.0
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=125°C
5.0
500
uA
uA
Operating Temperature Range TJ
-55 to +150
°C
Storage Temperature Range TSTG
-55 to + 150
°C


Similar Part No. - TS6B01G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G Datasheet
532Kb / 2P
Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
logo
Guangdong Kexin Industr...
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G Datasheet
218Kb / 4P
Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G Datasheet
194Kb / 4P
6A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_1 Datasheet
276Kb / 2P
Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
More results

Similar Description - TS6B01G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G Datasheet
98Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601 Datasheet
59Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_1 Datasheet
180Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_1 Datasheet
276Kb / 2P
Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
KBU601G TSC-KBU601G_10 Datasheet
520Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBJ6005 KINGTRONICS-GBJ6005_15 Datasheet
361Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU6005 KINGTRONICS-KBU6005_15 Datasheet
413Kb / 2P
6.0 AMPS. Single Phase Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com