Electronic Components Datasheet Search
  English  ▼

X  

SN761685 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN761685
Description  TV TUNER IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761685 Datasheet(HTML) 2 Page - Texas Instruments

  SN761685 Datasheet HTML 1Page - Texas Instruments SN761685 Datasheet HTML 2Page - Texas Instruments SN761685 Datasheet HTML 3Page - Texas Instruments SN761685 Datasheet HTML 4Page - Texas Instruments SN761685 Datasheet HTML 5Page - Texas Instruments SN761685 Datasheet HTML 6Page - Texas Instruments SN761685 Datasheet HTML 7Page - Texas Instruments SN761685 Datasheet HTML 8Page - Texas Instruments SN761685 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
Functional Block Diagram
UHF
OSC
VHF−H
OSC
VHF−L
OSC
OSCOUT2
VLO IN
VHI IN2
VHI IN1
UHF IN2
UHF IN1
IF
AMP
IFOUT2
GND
OSCOUT1
BAND SEL
IFOUT1
MIXOUT2
MIXOUT1
Pin Assignments
SN761685
TV TUNER IC
SLES175 – APRIL 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
UHF IN1 and UHF IN2 (pins 20 and 21) withstand 1 kV, and all other pins withstand 2 kV, according to the human body model
(1.5 k
Ω, 100 pF).
Pin Description
TERMINAL
DESCRIPTION
SCHEMATIC
NAME
NO.
BAND SEL
13
Band selection input
Figure 1
GND
10, 22
Ground
IF OUT1
11
IF amplifier output 1
Figure 2
IF OUT2
12
IF amplifier output 2
Figure 2
MIXOUT1
24
Mixer output 1
Figure 3
MIXOUT2
23
Mixer output 2
Figure 3
OSCOUT1
15
Local oscillator output 1
Figure 4
OSCOUT2
14
Local oscillator output 2
Figure 4
UHF IN1
21
UHF mixer input 1
Figure 5
UHF IN2
20
UHF mixer input 2
Figure 5
UHF OSC 1
1
UHF oscillator 1
Figure 6
UHF OSC 2
3
UHF oscillator 2
Figure 6
UHF OSC 3
5
UHF oscillator 3
Figure 6
UHF OSC 4
7
UHF oscillator 4
Figure 6
VCC
16
VCC 5 V
VHI IN1
18
VHF HIGH mixer input 1
Figure 7
VHI IN2
17
VHF HIGH mixer input 2
Figure 7
VHI OSC 1
6
VHF HIGH oscillator 1
Figure 8
VHI OSC 2
8
VHF HIGH oscillator 2
Figure 8
VHI OSC 3
9
VHF HIGH oscillator 3
Figure 8
VLO IN
19
VHF LOW mixer input
Figure 9
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com