Electronic Components Datasheet Search
  English  ▼

X  

TMS320C31PQL Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320C31PQL
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320C31PQL Datasheet HTML 22Page - Texas Instruments TMS320C31PQL Datasheet HTML 23Page - Texas Instruments TMS320C31PQL Datasheet HTML 24Page - Texas Instruments TMS320C31PQL Datasheet HTML 25Page - Texas Instruments TMS320C31PQL Datasheet HTML 26Page - Texas Instruments TMS320C31PQL Datasheet HTML 27Page - Texas Instruments TMS320C31PQL Datasheet HTML 28Page - Texas Instruments TMS320C31PQL Datasheet HTML 29Page - Texas Instruments TMS320C31PQL Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
26
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
changing XFx from an input to an output
The following table defines the timing parameter for changing the XFx pin from an input pin to an output pin.
The number shown in Figure 20 corresponds with the number in the NO. column of the table below.
timing parameters of XFx changing from input to output mode (see Figure 20)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
37
td(H3H-XFIO)
Delay time, H3 high to XFx
switching from input to output
20
17
17
16
9
ns
Execution of
Load of IOF
37
H3
H1
I / OxFx
Bit
(see Note A)
XFx Pin
NOTE A: I / OxFx represents either bit 1 or bit 5 of the IOF register.
Figure 20. Timing for Change of XFx From Input to Output Mode
reset timing
RESET is an asynchronous input that can be asserted at any time during a clock cycle. If the specified timings
are met, the exact sequence shown in Figure 21 occurs; otherwise, an additional delay of one clock cycle is
possible.
The asynchronous reset signals include XF0/1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1.
The following table defines the timing parameters for the RESET signal. The numbers shown in Figure 21
correspond with those in the NO. column of the following table.
Resetting the device initializes the bus control register to seven software wait states and therefore results in slow
external accesses until these registers are initialized.
HOLD is an asynchronous input and can be asserted during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com