Electronic Components Datasheet Search
  English  ▼

X  

TSL3301 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TSL3301
Description  102 횞 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL3301 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TSL3301 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TSL3301
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOGTODIGITAL CONVERTER
TAOS026 – FEBRUARY 2001
8
www.taosinc.com
t
t
Copyright
E 2001, TAOS Inc.
OPERATION
Initialization Sequence
After powering on the device, a minimum of 10 clocks with SDIN held high must be received by the TSL3301
to clear the receiver logic so that a start bit will be detected correctly. The control logic may then be cleared by
either issuing an
IRESET command (break character) or 3 RESET (0x1b) commands. An additional 30 clocks
must be received by the device to assure the state of SDOUT.
Sleep Mode
The device can be put into a power down or sleep mode by writing a 0x10 to the mode register. This turns off
all the analog circuitry on the chip. Normal operation is restored by writing a 0x00 to the mode register. The
analog circuitry will require a minimum of 1 millisecond to recover from the sleep mode.†
Note that putting the device in the sleep mode does not affect the logic states of the machine. If, for example,
a
READPixel command is issued, the device will respond but the resulting data will be meaningless. Also note
that 0x00 and 0x40 are the only two legitimate user programmable values for the single-chip version of the
TSL3301. Other values may put the device into a non-operational mode.
† For minimum sleep mode current consumption, voltage levels on logic inputs must be at either VDD or ground.
Imaging
After powering up the device and completing the initialization sequence, it is necessary to allow a minimum of
1 millisecond for the internal analog circuitry to settle. This delay is also required when coming out of the sleep
mode.
Issuing a
STARInt (0x08) command will release the pixel integrators from the reset state. After an appropriate
delay to integrate the image, the pixel data may be sampled by issuing a
SAMPLEInt (0x10) command and then
read out by issuing a
READPixel (0x02) command.
A
STARTInt command can be issued anytime after the SAMPLEInt command is issued to start another cycle.
Thus, it is possible to be reading out one sample while integrating the next. However, the sampled data from
the previous
SAMPLEInt must be completely read out before the next SAMPLEInt command is issued.
The compound commands
READHold (0x12) and READHoldNStart ((0x16) are shortcut commands to simplify
the imaging sequence.
It is important to note that a pixel reset sequence is initiated with the receipt of a
SAMPLEInt, READHold, or
READHoldNStart command. The next integration sequence cannot start until the pixel reset sequence has been
completed, which requires 22 clocks
AFTER the receipt of one of these commands. These clocks can be used
to clock commands or data into or out of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com