Electronic Components Datasheet Search
  English  ▼

X  

TMS320C31PQL40 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320C31PQL40
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL40 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C31PQL40 Datasheet HTML 7Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 8Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 9Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 10Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 11Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 12Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 13Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 14Page - Texas Instruments TMS320C31PQL40 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
’C31
’LC31
Supply voltage range, VDD (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . .
– 0.3 V to 5 V
. . . . . . . . . .
Input voltage range, VI
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
– 0.3 V to 5 V
. . . . . . . . . .
Output voltage range, VO
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
– 0.3 V to 5 V
. . . . . . . . . .
Continuous power dissipation (worst case) (see Note 5)
2.6 W
. . . . . . . . . . . . . . . . . .
(for TMS320C31-80)
850 mW
. . . . . . . . . . . . . .
(for TMS320LC31-33)
Operating case temperature range, TC
PQL (commercial)
0
°C to 85°C
. . . . . . . .
0
°C to 85°C
. . . . . . . . . . .
PQA (industrial)
– 40
°C to 125°C
. . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
– 55
°C to 150°C
. . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
4. All voltage values are with respect to VSS.
5. Actual operating power is less. This value was obtained under specially produced worst-case test conditions for the TMS320C31,
which are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard
pattern to both primary and extension buses at the maximum rate possible. See normal (ICC) current specification in the electrical
characteristics table and also read
Calculation of TMS320C30 Power Dissipation Application Report (literature number SPRA020).
recommended operating conditions (see Note 6)
’C31
’LC31
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VDD
Supply voltage (DVDD, etc.)
4.75
5
5.25
3.13
3.3
3.47
V
VSS
Supply voltage (CVSS, etc.)
0
0
V
VIH
High-level input voltage
2
VDD + 0.3‡
1.8
VDD + 0.3‡
V
VIL
Low-level input voltage
– 0.3‡
0.8
– 0.3‡
0.6
V
IOH
High-level output current
– 300
– 300
µA
IOL
Low-level output current
2
2
mA
TC
Operating case temperature (commercial)
0
85
0
85
°C
Operating case temperature (industrial)
– 40
125
°C
VTH
High-level input voltage for CLKIN
2.6
VDD + 0.3‡
2.5
VDD + 0.3‡
V
‡ These values are derived from characterization and not tested.
NOTE 6: All voltage values are with respect to VSS. All input and output voltage levels are TTL-compatible. CLKIN can be driven by a CMOS
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com