Electronic Components Datasheet Search
  English  ▼

X  

TSL230A Datasheet(PDF) 1 Page - Texas Instruments

Part # TSL230A
Description  PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL230A Datasheet(HTML) 1 Page - Texas Instruments

  TSL230A Datasheet HTML 1Page - Texas Instruments TSL230A Datasheet HTML 2Page - Texas Instruments TSL230A Datasheet HTML 3Page - Texas Instruments TSL230A Datasheet HTML 4Page - Texas Instruments TSL230A Datasheet HTML 5Page - Texas Instruments TSL230A Datasheet HTML 6Page - Texas Instruments TSL230A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSL230, TSL230A, TSL230B
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
SOES007B – OCTOBER 1992 – REVISED MARCH 1994
Copyright
© 1994, Texas Instruments Incorporated
5–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
• Programmable Sensitivity and Full-Scale
Output Frequency
• Communicates Directly With a
Microcontroller
• Single-Supply Operation Down to 2.7 V,
With Power-Down Feature
• Absolute Output Frequency Tolerance of
±5% (TSL230B)
• Nonlinearity Error Typically 0.2% at 100 kHz
• Stable 100 ppm/°C Temperature Coefficient
• Advanced LinCMOS™ Technology
description
The TSL230, TSL230A, and TSL230B programmable light-to-frequency converters combine a configurable
silicon photodiode and a current-to-frequency converter on single monolithic CMOS integrated circuits. The
output can be either a pulse train or a square wave (50% duty cycle) with frequency directly proportional to light
intensity. The sensitivity of the devices is selectable in three ranges, providing two decades of adjustment. The
full-scale output frequency can be scaled by one of four preset values. All inputs and the output are TTL
compatible, allowing direct two-way communication with a microcontroller for programming and output
interface. An output enable (OE) is provided that places the output in the high-impedance state for multiple-unit
sharing of a microcontroller input line. The devices are available with absolute-output-frequency tolerances of
±5% (TSL230B), ±10% (TSL230A), or ±20% (TSL230). Each circuit has been temperature compensated for
the ultraviolet-to-visible-light range of 300 nm to 700 nm. The devices are characterized for operation over the
temperature range of – 25
°C to 70°C.
mechanical data
The TSL230, TSL230A, and TSL230B are packaged in a clear plastic 8-pin dual-in-line package. The
photodiode area is typically 1.36 mm2 (0.0029 in2) (S0 = S1 = H).
Pin 1
S0
Pin 2
S1
Pin 3
OE
Pin 4
GND
Pin 5
VCC
Pin 6
OUT
Pin 7
S2
Pin 8
S3
9,40 (0.370)
10,92 (0.430)
0,51 (0.020)
1,27 (0.050)
1,14 (0.045)
1,65 (0.065)
0,36 (0.014)
0,56 (0.022)
7
° MAX TYP
90
°
105
°
Seating Plane
0,20 (0.008)
0,30 (0.012)
6,10 (0.240)
6,60 (0.260)
5
8
4
1
7,62 (0.300) TP*
15
° TYP
8 Places
0,51 (0.020) R NOM
4 Places
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
C
L
2,54 (0.100) TP*
1,14 (0.045)
1,65 (0.065)
3,94 (0.155)
5,08 (0.200)
1,02 (0.040)
1,91 (0.075)
3,18 (0.125)
3,81 (0.150)
1,02 (0.040)
1,91 (0.075)
0,38 (0.015)
1,52 (0.060)
0,51 (0.020)
R MAX
4 Places
7,62 (0.300)
8,26 (0.325)
0,76 (0.030) D NOM
*True position when unit is installed.
(Center of active
area coincides with
package center.)
LinCMOS is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TSL230A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL230AR ETC1-TSL230AR Datasheet
103Kb / 8P
PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230AR-LF TAOS-TSL230AR-LF Datasheet
147Kb / 8P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230ARD TAOS-TSL230ARD Datasheet
200Kb / 14P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230ARD AMSCO-TSL230ARD Datasheet
636Kb / 15P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230ARD ETC2-TSL230ARD Datasheet
636Kb / 15P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results

Similar Description - TSL230A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS230 ETC-TCS230 Datasheet
101Kb / 8P
PROGRAMMABLE COLOR LIGHTTOFREQUENCY CONVERTER
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TCS230 TAOS-TCS230 Datasheet
196Kb / 12P
PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R-LF TAOS-TSL230R-LF Datasheet
147Kb / 8P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TCS230 TAOS-TCS230_08 Datasheet
170Kb / 12P
PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TCS3200 AMSCO-TCS3200 Datasheet
632Kb / 15P
PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230BRD-TR ETC2-TSL230BRD-TR Datasheet
636Kb / 15P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com