| Electronic Components Datasheet Search |
|
TMS320C31PQL50 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C31PQL50 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 29 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 interrupt response timing The following table defines the timing parameters for the INT signals. The numbers shown in Figure 23 correspond with those in the NO. column of the table below. timing parameters for INT3–INT0 response (see Figure 23) NO. ’LC31-33 ’C31-40 ’LC31-40 ’C31-50 ’C31-60 ’C31-80 UNIT MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX 50 tsu(INT-H1L) Setup time, INT3– INT0 before H1 low 15 13 10 8 5 ns 51 tw(INT) Pulse duration, interrupt to ensure only one interrupt P 2P†‡ P 2P†‡ P 2P†‡ P 2P†‡ P 2P†‡ ns † This value is characterized but not tested. ‡ P = tc(H) The interrupt (INT) pins are asynchronous inputs that can be asserted at any time during a clock cycle. The TMS320C3x interrupts are level-sensitive, not edge-sensitive. Interrupts are detected on the falling edge of H1. Therefore, interrupts must be set up and held to the falling edge of H1 for proper detection. The CPU and DMA respond to detected interrupts on instruction-fetch boundaries only. For the processor to recognize only one interrupt on a given input, an interrupt pulse must be set up and held to: D A minimum of one H1 falling edge D No more than two H1 falling edges The TMS320C3x can accept an interrupt from the same source every two H1 clock cycles. If the specified timings are met, the exact sequence shown in Figure 23 occurs; otherwise, an additional delay of one clock cycle is possible. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |