Electronic Components Datasheet Search
  English  ▼

X  

PLPV801DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # PLPV801DBVT
Description  Nanopower Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLPV801DBVT Datasheet(HTML) 1 Page - Texas Instruments

  PLPV801DBVT Datasheet HTML 1Page - Texas Instruments PLPV801DBVT Datasheet HTML 2Page - Texas Instruments PLPV801DBVT Datasheet HTML 3Page - Texas Instruments PLPV801DBVT Datasheet HTML 4Page - Texas Instruments PLPV801DBVT Datasheet HTML 5Page - Texas Instruments PLPV801DBVT Datasheet HTML 6Page - Texas Instruments PLPV801DBVT Datasheet HTML 7Page - Texas Instruments PLPV801DBVT Datasheet HTML 8Page - Texas Instruments PLPV801DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
+
VREF
+
VREF
RLoad
LPV802a
LPV802b
CE
WE
RE
CF
RF
VOUT
+
Output to
Comparator
LPV802a
IR
+
LPV802b
VREF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
LPV801, LPV802
SNOSCZ3 – AUGUST 2016
LPV801/LPV802 320 nA Nanopower Operational Amplifiers
1
1 Features
1
•
Nanopower Supply Current: 320 nA/channel (typ)
•
Offset Voltage: 3.5 mV (max)
•
Good TcVos: 1.5 µV/°C (typ)
•
Unity Gain-Bandwidth: 8 kHz
•
Unity-Gain Stable
•
Low Input Bias Current : 0.1pA (typ)
•
Wide Supply Range: 1.6 V to 5.5 V
•
Rail-to-Rail Output
•
No Output Reversals
•
EMI Protection
•
Temperature Range: –40°C to 125°C
•
Industry Standard Packages:
–
Single in 5-pin SOT-23
–
Dual in 8-pin VSSOP
2 Applications
•
Gas Detectors such as CO and O2
•
Motion Detectors Using PIR Sensors
•
Ionization Smoke Alarms
•
Thermostats
•
Remote Sensors, IoT
•
Active RFID Readers and Tags
•
Portable Medical Equipment
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
3 Description
The LPV801 (single) and LPV802 (dual) comprise a
family of ultra-low-power operational amplifiers for
“Always ON” sensing applications in wireless and low
power wired equipment. With 8kHz of bandwidth from
320nA of quiescent current, the LPV80x amplifiers
minimize power consumption in equipment such as
CO detectors, smoke detectors and motion detecting
security systems where operational battery-life is
critical.
In addition to being ultra-low-power, the LPV80x
amplifiers have CMOS input stages with typically
femto-amp
bias
currents
which
reduces
errors
commonly introduced in transimpedance amplifier
(TIA)
configurations
with
megaohm
feedback
resistors
and
high
source
impedance
sensing
applications. The LPV80x amplifiers also feature a
negative-rail sensing input stage and a rail-to-rail
output stage that is capable of swinging within
millivolts of the rails, maintaining the widest dynamic
range possible. EMI protection is designed into the
LPV80x in order to reduce system sensitivity to
unwanted RF signals from mobile phones, WiFi, radio
transmitters and tag readers.
The LPV80x amplifiers operate with a total supply
voltage
as
low
as
1.6V,
ensuring
continuous
performance in low battery situations over the
extended temperature range of –40ºC to 125ºC. The
single and dual channel versions are available in
industry standard 5-pin SOT-23 and 8-pin VSSOP
packages respectively.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE
LPV801
SOT-23 (5)
2.90 mm x 1.60 mm
LPV802
VSSOP (8)
3.00 mm × 3.00 mm
Nanopower Electrochemical Sensor Amplifier
Nanopower PIR Motion Sensor Amplifier


Similar Part No. - PLPV801DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLPV811DBVT TI1-PLPV811DBVT Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
PLPV812DGKT TI1-PLPV812DGKT Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
PLPV821DBV TI1-PLPV821DBV Datasheet
407Kb / 18P
650nA, Precision, Nanopower, Zero-Drift Amplifier
PLPV821DBV TI1-PLPV821DBV Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
More results

Similar Description - PLPV801DBVT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3440 HARRIS-CA3440 Datasheet
76Kb / 5P
63kHz, Nanopower, BiMOS Operational Amplifiers
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com