Electronic Components Datasheet Search
  English  ▼

X  

PCF8575C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575C
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575C Datasheet(HTML) 5 Page - Texas Instruments

  PCF8575C Datasheet HTML 1Page - Texas Instruments PCF8575C Datasheet HTML 2Page - Texas Instruments PCF8575C Datasheet HTML 3Page - Texas Instruments PCF8575C Datasheet HTML 4Page - Texas Instruments PCF8575C Datasheet HTML 5Page - Texas Instruments PCF8575C Datasheet HTML 6Page - Texas Instruments PCF8575C Datasheet HTML 7Page - Texas Instruments PCF8575C Datasheet HTML 8Page - Texas Instruments PCF8575C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PCF8575C
www.ti.com
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
6.5
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
4.5 V to
VIK
Input diode clamp voltage
II = –18 mA
–1.2
V
5.5 V
VPOR Power-on reset voltage
(2)
VI = VCC or GND,
IO = 0
VPOR
1.2
1.8
V
IOHT
P-port transient pullup current
High during ACK VOH = GND
4.5 V
–0.5
–1
mA
4.5 V to
SDA
VOL = 0.4 V
3
5.5 V
VOL = 0.4 V
5
15
4.5 V to
IOL
P port
mA
5.5 V
VOL = 1 V
10
25
4.5 V to
INT
VOL = 0.4 V
1.6
5.5 V
SCL, SDA
±2
4.5 V to
II
VI = VCC or GND
μA
5.5 V
A0, A1, A2
±1
4.5 V to
IIHL
P port
VI ≥ VCC or VI ≤ GND
±400
μA
5.5 V
Operating mode
VI = VCC or GND,
IO = 0, fSCL = 400 kHz
100
200
ICC
5.5 V
μA
Standby mode
VI = VCC or GND,
IO = 0, fSCL = 0 kHz
2.5
10
One input at VCC – 0.6 V,
4.5 V to
ΔICC
Supply current increase
200
μA
Other inputs at VCC or GND
5.5 V
4.5 V to
Ci
SCL
VI = VCC or GND
3
7
pF
5.5 V
SDA
3
7
4.5 V to
Cio
VIO = VCC or GND
pF
5.5 V
P port
4
10
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
The power-on reset circuit resets the I2C bus logic with VCC < VPOR and sets all I/Os to logic high (with current source to VCC).
6.6
I
2C Interface Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 7)
MIN
MAX
UNIT
fscl
I2C clock frequency
400
kHz
tsch
I2C clock high time
0.6
μs
tscl
I2C clock low time
1.3
μs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
20 + 0.1Cb
(1)
300
ns
ticf
I2C input fall time
20 + 0.1Cb
(1)
300
ns
tocf
I2C output fall time (10-pF to 400-pF bus)
300
ns
tbuf
I2C bus free time between stop and start
1.3
μs
tsts
I2C start or repeated start condition setup
0.6
μs
tsth
I2C start or repeated start condition hold
0.6
μs
tsps
I2C stop condition setup
0.6
μs
tvd
Valid-data time
SCL low to SDA output valid
1.2
μs
Cb
I2C bus capacitive load
400
pF
(1)
Cb = total bus capacitance of one bus line in pF
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com