Electronic Components Datasheet Search
  English  ▼

X  

PLPV811DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # PLPV811DBVT
Description  Nanopower Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLPV811DBVT Datasheet(HTML) 1 Page - Texas Instruments

  PLPV811DBVT Datasheet HTML 1Page - Texas Instruments PLPV811DBVT Datasheet HTML 2Page - Texas Instruments PLPV811DBVT Datasheet HTML 3Page - Texas Instruments PLPV811DBVT Datasheet HTML 4Page - Texas Instruments PLPV811DBVT Datasheet HTML 5Page - Texas Instruments PLPV811DBVT Datasheet HTML 6Page - Texas Instruments PLPV811DBVT Datasheet HTML 7Page - Texas Instruments PLPV811DBVT Datasheet HTML 8Page - Texas Instruments PLPV811DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OXYGEN SENSOR
100 M
+
1 M
RL
VOUT
V
+
1 M
+
VOUT
V
+
CO
Sensor
RL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
LPV811, LPV812
SNOSD33 – AUGUST 2016
LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
1
1 Features
1
•
Nanopower Supply Current: 425 nA/channel
•
Offset Voltage: 300 µV (max)
•
Good TcVos: 1.5 µV/°C
•
Gain-Bandwidth: 8 kHz
•
Unity-Gain Stable
•
Low Input Bias Current : 100 fA
•
Wide Supply Range: 1.6 V to 5.5 V
•
Rail-to-Rail Output
•
No Output Reversals
•
EMI Protection
•
Temperature Range: –40°C to 125°C
•
Industry Standard Packages:
–
Single in 5-pin SOT-23
–
Dual in 8-pin VSSOP
2 Applications
•
Gas Detectors such as CO and O2
•
Current Sensing
•
Motion Detectors using PIR sensors
•
Portable Medical Equipment
•
Thermostats
•
Remote Sensors, IoT
•
Active RFID Readers and Tags
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
The
LPV811/LPV812
is
an
ultra-low-power
operational amplifier family for “Always ON” sensing
applications in wireless and wired equipment. With 8
kHz of bandwidth from 425 nA of quiescent current
and
less
than
300µV
of
input
offset,
the
LPV811/LPV812
amplifiers
provide
the
required
precision while minimizing power consumption in
equipment such as gas detectors and portable
electronic devices where operational battery-life is
critical.
In
addition
to
being
ultra-low-power,
the
LPV811/LPV812 amplifiers have CMOS input stages
with fempto-amp bias current which reduces errors
commonly introduced in transimpedance amplifier
(TIA)
configurations
with
megaohm
feedback
resistors and high source impedance applications.
The
LPV811/LPV812
amplifiers
also
feature
a
negative-rail sensing input stage and a rail-to-rail
output stage that swings within millivolts of the rails,
maintaining the widest dynamic range possible.
Likewise,
EMI
protection
is
designed
into
the
LPV811/LPV812 in order to reduce system sensitivity
to unwanted RF signals from mobile phones, WiFi,
radio transmitters, and tag readers.
The LPV811/LPV812 amplifiers operate with a single
supply voltage as low as 1.6V, ensuring continuous
performance in low battery situations over the
extended temperature range of -40ºC to 125ºC. The
single and dual channel versions are available in
industry standard 5-pin SOT-23 and 8-pin VSSOP
packages respectively.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE
LPV811
SOT-23 (5)
2.90 mm x 1.60 mm
LPV812
VSSOP (8)
3.00 mm × 3.00 mm
Nanopower Oxygen Sensor
Nanopower CO Sensor


Similar Part No. - PLPV811DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLPV801DBVT TI1-PLPV801DBVT Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
PLPV821DBV TI1-PLPV821DBV Datasheet
407Kb / 18P
650nA, Precision, Nanopower, Zero-Drift Amplifier
PLPV821DBV TI1-PLPV821DBV Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
More results

Similar Description - PLPV811DBVT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3440 HARRIS-CA3440 Datasheet
76Kb / 5P
63kHz, Nanopower, BiMOS Operational Amplifiers
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com