Electronic Components Datasheet Search
  English  ▼

X  

PCF8575CDB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDB
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDB Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCF8575CDB Datasheet HTML 11Page - Texas Instruments PCF8575CDB Datasheet HTML 12Page - Texas Instruments PCF8575CDB Datasheet HTML 13Page - Texas Instruments PCF8575CDB Datasheet HTML 14Page - Texas Instruments PCF8575CDB Datasheet HTML 15Page - Texas Instruments PCF8575CDB Datasheet HTML 16Page - Texas Instruments PCF8575CDB Datasheet HTML 17Page - Texas Instruments PCF8575CDB Datasheet HTML 18Page - Texas Instruments PCF8575CDB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
A
A
S
0
1
0
0
A1
A2
A0
0
Start
Condition
ACK
From Slave
ACK
From Slave
Data
Data
Slave Address
R/W
P7
P6
1
P0
P7
P0
A
Integral Multiples of Two Bytes
P5
tpv
IOHT
tir
SCL
SDA
Write to
Port
Data Output
Voltage
P5 Output
Voltage
P5 Pullup
Output
Current
INT
ACK
From Slave
Data A0
and B0
Valid
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
IOH
PCF8575C
www.ti.com
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
8.3.3 Address Reference
INPUTS
I2C BUS SLAVE
I2C BUS SLAVE
8-BIT READ
8-BIT WRITE
A2
A1
A0
ADDRESS
ADDRESS
L
L
L
65 (decimal), 41
64 (decimal), 40
(hexadecimal)
(hexadecimal)
L
L
H
67 (decimal), 43
66 (decimal), 42
(hexadecimal)
(hexadecimal)
L
H
L
69 (decimal), 45
68 (decimal), 44
(hexadecimal)
(hexadecimal)
L
H
H
71 (decimal), 47
70 (decimal), 46
(hexadecimal)
(hexadecimal)
H
L
L
73 (decimal), 49
72 (decimal), 48
(hexadecimal)
(hexadecimal)
H
L
H
75 (decimal), 4B
74 (decimal), 4A
(hexadecimal)
(hexadecimal)
H
H
L
77 (decimal), 4D
76 (decimal), 4C
(hexadecimal)
(hexadecimal)
H
H
H
79 (decimal), 4F
78 (decimal), 4E
(hexadecimal)
(hexadecimal)
8.4 Device Functional Modes
Figure 13 and Figure 14 show the address and timing diagrams for the write and read modes, respectively.
Figure 13. Write Mode (Output)
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com