Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADGVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554ADGVR
Description  SMBus I/O Expander With Interrupt Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9554ADGVR Datasheet HTML 3Page - Texas Instruments PCA9554ADGVR Datasheet HTML 4Page - Texas Instruments PCA9554ADGVR Datasheet HTML 5Page - Texas Instruments PCA9554ADGVR Datasheet HTML 6Page - Texas Instruments PCA9554ADGVR Datasheet HTML 7Page - Texas Instruments PCA9554ADGVR Datasheet HTML 8Page - Texas Instruments PCA9554ADGVR Datasheet HTML 9Page - Texas Instruments PCA9554ADGVR Datasheet HTML 10Page - Texas Instruments PCA9554ADGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
0
25
50
75
100
125
150
175
200
225
250
275
300
-40
-15
10
35
60
85
TA – Free-Air Temperature – °C
VCC = 5 V, ISINK = 10 mA
VCC = 2.5 V, ISINK = 10 mA
VCC = 2.5 V, ISINK = 1 mA
VCC = 5 V, ISINK = 1 mA
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOL – Output Low Voltage – V
TA = –40°C
VCC = 2.5 V
TA = 25°C
TA = 85°C
0
10
20
30
40
50
60
70
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VCC – Supply Voltage – V
fSCL = 400 kHz
I/Os unloaded
0
50
100
150
200
250
300
350
400
450
500
550
600
0
1
2
3
4
5
6
7
8
Number of I/Os Held Low
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 85°C
0
5
10
15
20
25
30
35
40
45
50
55
-40
-15
10
35
60
85
TA – Free-Air Temperature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
fSCL = 400 kHz
I/Os unloaded
0
5
10
15
20
25
30
35
-40
-15
10
35
60
85
TA – Free-Air Temperature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
SCL = VCC
PCA9554A
www.ti.com
SCPS127E – SEPTEMBER 2006 – REVISED JUNE 2014
6.7 Typical Characteristics
Figure 1. Supply Current vs Temperature
Figure 2. Quiescent Supply Current vs Temperature
Figure 4. Supply Current vs Number Of I/Os Held Low
Figure 3. Supply Current vs Supply Voltage
Figure 6. I/O Sink Current vs Output Low Voltage
Figure 5. I/O Output Low Voltage vs Temperature
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCA9554A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com