Electronic Components Datasheet Search
  English  ▼

X  

PCM54 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM54
Description  DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM54 Datasheet(HTML) 1 Page - Texas Instruments

  PCM54 Datasheet HTML 1Page - Texas Instruments PCM54 Datasheet HTML 2Page - Texas Instruments PCM54 Datasheet HTML 3Page - Texas Instruments PCM54 Datasheet HTML 4Page - Texas Instruments PCM54 Datasheet HTML 5Page - Texas Instruments PCM54 Datasheet HTML 6Page - Texas Instruments PCM54 Datasheet HTML 7Page - Texas Instruments PCM54 Datasheet HTML 8Page - Texas Instruments PCM54 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PCM54
PCM55
FEATURES
q PARALLEL INPUT FORMAT
q 16-BIT RESOLUTION
q 15-BIT MONOTONICITY (typ)
q –92dB TOTAL HARMONIC DISTORTION
(K Grade)
q 3
µs SETTLING TIME (Voltage Out)
q 96dB DYNAMIC RANGE
q
±3V or ±1mA AUDIO OUTPUT
q OPERATES ON
±5V (PCM55) TO ±12V
(PCM54) SUPPLIES
q 28-PIN DIP (PCM54)
q 24-LEAD SOIC (PCM55)
16-Bit Monolithic
DIGITAL-TO-ANALOG CONVERTERS
DESIGNED FOR AUDIO
DESCRIPTION
The PCM54 and PCM55 family of converters are
parallel input, fully monotonic, 16-bit digital-to-ana-
log converters that are designed and specified for
digital audio applications. These devices employ ul-
tra-stable nichrome (NiCr) thin-film resistors to pro-
vide monotonicity, low distortion, and low differential
linearity error (especially around bipolar zero) over
long periods of time and over the full operating
temperature.
These converters are completely self-contained with a
stable, low noise, internal, zener voltage reference;
high speed current switches; a resistor ladder
network; and a fast settling, low noise output opera-
tional amplifier all on a single monolithic chip. The
converters are operated using two power supplies that
can range from
±5V (PCM55) to ±12V (PCM54).
Power dissipation with
±5V supplies is typically less
than 200mW. Also included is a provision for exter-
nal adjustment of the MSB error (differential linearity
error at bipolar zero, PCM54 only) to further improve
Total Harmonic Distortion (THD) specifications if
desired.
A current output (I
OUT) wiring option is provided. This
output typically settles to within
±0.006% of FSR
final value in 350ns (in response to a full-scale change
in the digital input code).
The PCM54 is packaged in 28-pin plastic DIP pack-
age. The PCM55 is available in a 24-lead plastic mini-
flatpak.
16-Bit Ladder
Resistor Network
and
Current Switches
Reference
Voltage
Parallel
Digital
Input
R
F
Output
Operational
Amplifier
Audio Output
(Voltage)
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
©1985 Burr-Brown Corporation
PDS-619B
Printed in U.S.A. August, 1998
SBAS146
Not Recommended For New Designs


Similar Part No. - PCM54

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
PCM54HP BURR-BROWN-PCM54HP Datasheet
83Kb / 7P
16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
PCM54JP BURR-BROWN-PCM54JP Datasheet
83Kb / 7P
16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
PCM54KP BURR-BROWN-PCM54KP Datasheet
83Kb / 7P
16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - PCM54

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HK12BGC-2 DATEL-DAC-HK12BGC-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMM-QL DATEL-DAC-HF12BMM-QL Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com