Electronic Components Datasheet Search
  English  ▼

X  

PCM1791A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1791A
Description  AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1791A Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1791A Datasheet HTML 17Page - Texas Instruments PCM1791A Datasheet HTML 18Page - Texas Instruments PCM1791A Datasheet HTML 19Page - Texas Instruments PCM1791A Datasheet HTML 20Page - Texas Instruments PCM1791A Datasheet HTML 21Page - Texas Instruments PCM1791A Datasheet HTML 22Page - Texas Instruments PCM1791A Datasheet HTML 23Page - Texas Instruments PCM1791A Datasheet HTML 24Page - Texas Instruments PCM1791A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
PCM1791A
SLES071B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
21
High Impedance
When Read Mode is Instructed
A0
D7
D6
D4
D5
D3
D2
D1
D0
D7
D6
D4
D5
D3
D2
D1
D0
R/W
A1
A2
A3
A4
A5
A6
MS
MC
MDI
MDO
NOTE: Bit 15 is used for selection of write or read. Setting R/W = 0 indicates a write, while R/W = 1 indicates a read. Bits 14−8 are used for the register
address. Bits 7–0 are used for register data.
Figure 30. Serial Control Format
t(MCH)
1.4 V
MS
t(MSS)
LSB
1.4 V
1.4 V
t(MCL)
t(MHH)
t(MSH)
t(MCY)
t(MDH)
t(MDS)
MC
MDI
50% of VDD
MDO
t(MOS)
PARAMETER
MIN
MAX
UNITS
t(MCY) MC pulse cycle time
100
ns
t(MCL) MC low-level time
40
ns
t(MCH) MC high-level time
40
ns
t(MHH) MS high-level time
80
ns
t(MSS) MS falling edge to MC rising edge
15
ns
t(MSH) MS hold time(1)
15
ns
t(MDH) MDI hold time
15
ns
t(MDS) MDI setup time
15
ns
t(MOS) MC falling edge to MDO stable
30
ns
(1) MC rising edge for LSB to MS rising edge
Figure 31. Control Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com