Electronic Components Datasheet Search
  English  ▼

X  

PCF8575CDWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDWR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCF8575CDWR Datasheet HTML 18Page - Texas Instruments PCF8575CDWR Datasheet HTML 19Page - Texas Instruments PCF8575CDWR Datasheet HTML 20Page - Texas Instruments PCF8575CDWR Datasheet HTML 21Page - Texas Instruments PCF8575CDWR Datasheet HTML 22Page - Texas Instruments PCF8575CDWR Datasheet HTML 23Page - Texas Instruments PCF8575CDWR Datasheet HTML 24Page - Texas Instruments PCF8575CDWR Datasheet HTML 25Page - Texas Instruments PCF8575CDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
PCF8575C
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
www.ti.com
11 Layout
11.1 Layout Guidelines
For printed circuit board (PCB) layout of the PCF8575C device, common PCB layout practices should be
followed but additional concerns related to high-speed data transfer such as matched impedances and
differential pairs are not a concern for I2C signal speeds.
In all PCB layouts, it is a best practice to avoid right angles in signal traces, to fan out signal traces away from
each other upon leaving the vicinity of an integrated circuit (IC), and to use thicker trace widths to carry higher
amounts of current that commonly pass through power and ground traces. By-pass and de-coupling capacitors
are commonly used to control the voltage on the VCC pin, using a larger capacitor to provide additional power in
the event of a short power supply glitch and a smaller capacitor to filter out high-frequency ripple. These
capacitors should be placed as close to the PCF8575C as possible. These best practices are shown in
Figure 24.
For the layout example provided in Figure 24, it would be possible to fabricate a PCB with only 2 layers by using
the top layer for signal routing and the bottom layer as a split plane for power (VCC) and ground (GND). However,
a 4 layer board is preferable for boards with higher density signal routing. On a 4 layer PCB, it is common to
route signals on the top and bottom layer, dedicate one internal layer to a ground plane, and dedicate the other
internal layer to a power plane. In a board layout using planes or split planes for power and ground, vias are
placed directly next to the surface mount component pad which needs to attach to VCC or GND and the via is
connected electrically to the internal layer or the other side of the board. Vias are also used when a signal trace
needs to be routed to the opposite side of the board, but this technique is not demonstrated in Figure 24.
22
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com