Electronic Components Datasheet Search
  English  ▼

X  

PCA9554A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554A
Description  SMBus I/O Expander With Interrupt Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9554A Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCA9554A Datasheet HTML 17Page - Texas Instruments PCA9554A Datasheet HTML 18Page - Texas Instruments PCA9554A Datasheet HTML 19Page - Texas Instruments PCA9554A Datasheet HTML 20Page - Texas Instruments PCA9554A Datasheet HTML 21Page - Texas Instruments PCA9554A Datasheet HTML 22Page - Texas Instruments PCA9554A Datasheet HTML 23Page - Texas Instruments PCA9554A Datasheet HTML 24Page - Texas Instruments PCA9554A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
A2
A1
SDA
SCL
INT
GND
P6
P0
P1
P2
P3
P4
P5
P7
INT
GND
VCC
VCC
(5 V)
VCC
10 kW
10 kW
10 kW
2 kW
Master
Controller
PCA9554A
INT
RESET
Subsystem 2
(e.g., Counter)
Subsystem 3
(e.g., Alarm System)
ALARM
Controlled Device
(e.g., CBT Device)
ENABLE
A
B
VCC
Subsystem 1
(e.g., Temperature Sensor)
SDA
SCL
A0
PCA9554A
www.ti.com
SCPS127E – SEPTEMBER 2006 – REVISED JUNE 2014
9 Application And Implementation
9.1 Typical Application
Figure 28 shows an application in which the PCA9554A can be used.
A.
Device address is configured as 0111000 for this example.
B.
P0, P2, and P3 are configured as outputs.
C.
P1, P4, and P5 are configured as inputs.
D.
P6 and P7 are not used and have internal 100-k
Ω pullup resistors to protect them from floating.
Figure 28. Typical Application
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCA9554A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com