Electronic Components Datasheet Search
  English  ▼

X  

PCM2702 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM2702
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2702 Datasheet(HTML) 3 Page - Texas Instruments

  PCM2702 Datasheet HTML 1Page - Texas Instruments PCM2702 Datasheet HTML 2Page - Texas Instruments PCM2702 Datasheet HTML 3Page - Texas Instruments PCM2702 Datasheet HTML 4Page - Texas Instruments PCM2702 Datasheet HTML 5Page - Texas Instruments PCM2702 Datasheet HTML 6Page - Texas Instruments PCM2702 Datasheet HTML 7Page - Texas Instruments PCM2702 Datasheet HTML 8Page - Texas Instruments PCM2702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PCM2702
3
SBAS142A
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VCC = VCCL = VCCR = VCCP = 5.0V, VDD = VDDC = 3.3V, fS = 44.1MHz, signal frequency = 1kHz and 16-bit data, unless otherwise specified.
PCM2702E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
HOST INTERFACE
Supports USB revision 1.0, Full Speed
DIGITAL FORMAT
Audio Data Format
USB ISOCHRONOUS OUT
Audio Data Bit Length
16
Audio Data Channel
1, 2
Sampling Frequency (fS)
32, 44.1, 48
DIGITAL INPUT/OUTPUT
Input Logic Level
VIH(1)
2.0
VDC
VIL(1)
0.8
VDC
VIH(2)
0.7 VDD
VDC
VIL(2)
0.7 VDD
VDC
Input Logic Current
IIH(1)
VIN = VDD
+65
+100
µA
IIL(1)
VIN = 0V
±10
µA
IIH(2)
VIN = VDD
±10
µA
IIL(2)
VIN = 0V
±10
µA
Output Logic Level
VOH(3)
IOH = –1mA
2.8
VDC
VOL(3)
IOL = +1mA
0.5
VDC
DYNAMIC PERFORMANCE(4)
THD+N at VOUT = 0dB
0.002
0.005
%
THD+N at VOUT = –60dB
1.2
%
Dynamic Range
EIAJ, A-Weighted
96
100
dB
SIgnal-to-Noise Ratio
EIAJ, A-Weighted
100
105
dB
Channel Seperation
98
103
dB
DC ACCURACY
Gain Error
±1.0
±3.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±3.0
% of FSR
Bipolar Zero Error
VOUT = 0.5 VCC at BPZ
±30
±60
mV
ANALOG OUTPUT
Output Voltage
Full-Scale(–0dB)
62% of VCC
VPP
Center Voltage
50% of VCC
VDC
Load Impedance
AC-Load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Passband
±0.002dB
0.454fS
Passband
–3dB
0.490fS
Stopband
0.546fS
Passband Ripple
±0.002
dB
Stopband Attenuation
Stopband = 0.546fS
–75
dB
Stopband Attenuation
Stopband = 0.567fS
–82
dB
Delay Time
34/fS
11
s
ANALOG FILTER PERFORMANCE
Frequency Response
at 20kHz
≠0.02
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD, VDDC
+3.0
+3.3
+3.6
VDC
VCC, VCCL, VCCR, VCCP
+4.5
+5.0
+5.5
VDC
Supply Current
IDD
VDD = VDDC = 3.3V
22
30
mA
ICC
VCC = VCCL = VCCR = VCCP = 5.0V
18
25
mA
Power Dissipation
VDD = VDDC = 3.3V, and VCC = VCCL = VCCR = VCCP = 5.0V
165
225
mW
TEMPERATURE RANGE
Operation Temperature
070
°C
Storage Temperature
–55
+125
°C
Thermal Resistance,
θ
JA
SSOP-28
100
°C/W
NOTES: (1) Pins 8, 13, 14, 15, 16: VBUS, TEST3 TEST2 TEST1, TEST0.
(2) Pin1: XTI.
(3) Pins 10, 11, 12, 28: PLYBCK, SSPND, ZERO, XTO.
(4) The dynamic performance is based upon ideal host signal quality, and may vary according to the system. Dynamic performance specifications are
tested using a Shibasoku #725 THD Meter with 400Hz HPF, 30kHz LPF, Average Mode, and 20kHz Bandwidth limiting. The load connected to the
analog output is 5k
Ω, or larger, via AC coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com