Electronic Components Datasheet Search
  English  ▼

X  

PCM3000 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3000
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000 Datasheet(HTML) 5 Page - Texas Instruments

  PCM3000 Datasheet HTML 1Page - Texas Instruments PCM3000 Datasheet HTML 2Page - Texas Instruments PCM3000 Datasheet HTML 3Page - Texas Instruments PCM3000 Datasheet HTML 4Page - Texas Instruments PCM3000 Datasheet HTML 5Page - Texas Instruments PCM3000 Datasheet HTML 6Page - Texas Instruments PCM3000 Datasheet HTML 7Page - Texas Instruments PCM3000 Datasheet HTML 8Page - Texas Instruments PCM3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC1, VCC2
4.5
5
5.5
VDC
Digital supply voltage, VDD
4.5
5
5.5
VDC
Analog input voltage, full scale (–0 dB)
2.9
Vp-p
Digital input logic family
TTL
System clock
8.192
24.576
MHz
Digital input clock frequency
Sampling clock
32
48
kHz
Analog output load resistance
5
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
10
pF
Operating free-air temperature, TA
–25
85
°C
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com