Electronic Components Datasheet Search
  English  ▼

X  

PCM4201PW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4201PW
Description  Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4201PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM4201PW Datasheet HTML 9Page - Texas Instruments PCM4201PW Datasheet HTML 10Page - Texas Instruments PCM4201PW Datasheet HTML 11Page - Texas Instruments PCM4201PW Datasheet HTML 12Page - Texas Instruments PCM4201PW Datasheet HTML 13Page - Texas Instruments PCM4201PW Datasheet HTML 14Page - Texas Instruments PCM4201PW Datasheet HTML 15Page - Texas Instruments PCM4201PW Datasheet HTML 16Page - Texas Instruments PCM4201PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PCM4201
SBAS342B − DECEMBER 2004 − REVISED APRIL 2006
www.ti.com
13
Slave mode operation requires that the FSYNC and BCK
clocks be generated from an external audio processor or
master timing generator, as shown in Figure 5. Both clocks
are inputs in Slave mode. The FSYNC clock rate is the
equal to the desired output sampling frequency, fS. The
FSYNC high pulse width must be equal to at least one BCK
clock period. The BCK clock rate should be 128fS for
Normal Speed, High Performance sampling mode. A BCK
rate equal to 64fS results in no output for this sampling
mode. For Normal Speed, Low Power sampling mode, the
BCK rate may be 64fS or 128fS. See Note (2) in Figure 3
regarding the FSYNC edge used for start of frame when
BCK = 128fS for this sampling mode. For Double Speed
sampling mode, the BCK rate should be 64fS.
FSR
CLKR
DR
FSYNC
SCKI
BCK
DATA
PCM4201
AUDIO DSP
S/M
V
DD
System
Clock
Figure 5. PCM4201 Slave Mode Configuration
For Master mode operation, the PCM4201 generates the
FSYNC and BCK clocks, deriving them from the system
clock input, SCKI (pin 12), as shown in Figure 6. The
FSYNC clock rate is equal to the output sampling
frequency, fS. The FSYNC clock duty cycle is 50% in
Master mode. The BCK clock rate is fixed at 128fS for
Normal Speed, High Performance sampling mode. For
Normal Speed, Low Power, and Double Speed sampling
modes, the BCK rate is fixed at 64fS.
FSR
CLKR
DR
FSYNC
SCKI
BCK
DATA
PCM4201
AUDIO DSP
System
Clock
S/M
DGND
Figure 6. PCM4201 Master Mode Configuration
DIGITAL HIGH-PASS FILTER
The PCM4201 includes a digital high-pass filter, which is
located at the output of the digital decimation filter block.
The purpose of the high-pass filter is to remove the DC
component from the digitized signal. The corner, or −3dB
frequency, for the digital high-pass filter is calculated using
the following relationship:
f*3dB +
f
S
48000
where fS = the output sampling frequency.
The digital high-pass filter may be enabled or disabled
using the HPFD input (pin 8). When HPFD is forced low,
the high-pass filter is enabled. Forcing HPFD high
disables
the
high-pass
filter.
Distortion
for
signal
frequencies less than 100Hz may increase slightly when
the high-pass filter is enabled.
RESET OPERATION
The PCM4201 includes two reset functions: power-on and
externally controlled. This section describes the operation
of each of these functions.
On power up, the internal reset signal is forced low, forcing
the PCM4201 into a reset state. The power-on reset circuit
monitors the VDD (pin 13) and VCC (pin 4) power supplies.
When the digital supply exceeds 0.6
× VDD nominal
±400mV, and the VCC supply exceeds +4.0V ±400mV, the
internal reset signal is forced high. The PCM4201 will then
wait for the system clock input (SCKI) to become active.
Once the system clock has been detected, the initialization
sequence begins. The initialization sequence requires
1024 system clock periods for completion. During the
initialization sequence, the ADC output data pin will be
forced low. Once the initialization sequence is completed,
the PCM4201 outputs valid data. Figure 7 shows the
power-on reset sequence timing.
The user may force a reset initialization sequence at any
time while the system clock input is active by utilizing the
RST input (pin 7). The RST input is active low, and requires
a minimum low pulse width of 40ns. The low-to-high
transition of the applied reset signal will force an
initialization sequence to begin. As in the case of the
power-on reset, the initialization sequence requires 1024
system clock periods for completion. Figure 8 illustrates
the reset sequence initiated when using the RST input.
Figure 9 shows the state of the audio data output (DATA)
for the PCM4201 before, during, and after the reset
operations.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com