Electronic Components Datasheet Search
  English  ▼

X  

PCM4202 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202
Description  Stereo Audio Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202 Datasheet(HTML) 2 Page - Texas Instruments

  PCM4202 Datasheet HTML 1Page - Texas Instruments PCM4202 Datasheet HTML 2Page - Texas Instruments PCM4202 Datasheet HTML 3Page - Texas Instruments PCM4202 Datasheet HTML 4Page - Texas Instruments PCM4202 Datasheet HTML 5Page - Texas Instruments PCM4202 Datasheet HTML 6Page - Texas Instruments PCM4202 Datasheet HTML 7Page - Texas Instruments PCM4202 Datasheet HTML 8Page - Texas Instruments PCM4202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PCM4202
UNIT
Supply voltage
VCC
+6.0
V
Supply voltage
VDD
+3.6
V
Ground voltage differences
(any AGND to DGND)
±0.1
V
Digital input voltage
FMT0, FMT1, S/M, FS0, FS1, FS2, SCKI,
RST, HPFD, BCK, LRCK
−0.3 to (VDD + 0.3)
V
Analog input voltage
VINL+, VINL−, VINR+, VINR−
−0.3 to (VCC + 0.3)
V
Input current (any pin except supplies)
±10mA
V
Operating temperature range
−10 to +70
°C
Storage temperature range, TSTG
−65 to +150
°C
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those specified is not implied.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum located at the end of this
datasheet.
PIN ASSIGNMENT
V
REFL
AGNDL
V
COML
V
INL+
V
INL−
FMT0
FMT1
S/M
FS0
FS1
FS2
HPFD
DGND
V
DD
V
REFR
AGNDR
V
COMR
V
INR+
V
INR−
AGND
V
CC
CLIPL
CLIPR
RST
SCKI
LRCK or DSDBCK
BCK or DSDL
DATA or DSDR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM4202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com