Electronic Components Datasheet Search
  English  ▼

X  

2N4351 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # 2N4351
Description  N-CHANNEL MOSFET ENHANCEMENT MODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

2N4351 Datasheet(HTML) 2 Page - Linear Integrated Systems

  2N4351 Datasheet HTML 1Page - Linear Integrated Systems 2N4351 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
SWITCHING CHARACTERISTICS
SYMBOL
CHARACTERISTIC
MAX
UNITS
td(on)
Turn On Delay Time
45
tr
Turn On Rise Time
65
td(off)
Turn Off Delay Time
60
tf
Turn Off Fall Time
100
ns
TO-72
Four Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
4 LEADS
2
1
3
0.046
0.036
45°
0.048
0.028
0.100
0.050
4
4.5k
Ω
51
Ω
8.21k
Ω
V
DD
V
IN
V
OUT
SET
V
DS = 10V
SWITCHING TEST CIRCUIT
TIMING WAVEFORMS
d(on)
90%
50%
10%
t
r
t
f
t
d(off)
0 V
+10 V
V
DS
t
90%
50%
10%
0 V
+10 V
V
IN
10 µs
t
r = tf < 2 ns
Duty Cycle 2%
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Device must not be tested at ±125V more than once or longer than 300ms.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com