Electronic Components Datasheet Search
  English  ▼

X  

KA5013-AE Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # KA5013-AE
Description  Shielded Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

KA5013-AE Datasheet(HTML) 2 Page - Coilcraft lnc.

  KA5013-AE Datasheet HTML 1Page - Coilcraft lnc. KA5013-AE Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductor – KA5013-AE
Document 885-2
Document 885-2 Revised 11/28/11
L vs Current
ESR vs Frequency
L vs Frequency
Irms Derating
-40 -20
020406080
100
180
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
100
110
1000
100
Frequency (MHz)
0.1
1
10
0.01
0.1
10
1
Frequency (MHz)
Dimensions are in
inches
mm
0.157 ±0.012
4,0 ±0,3
0.157 ±0.012
4,0 ±0,3
0.075
1.8 max
Recommended
Land Pattern
Dash
number
0.127 ±0.008
3,23 ±0,20
0.031 ±0.002
0,85 ±0,05
0.062 ±0.010
1,57 ±0,25
0.038
0,98
0.093
2,37
0.135
3,43
0
0.5
1.0
1.5
2.0
Current (A)
1.5 µH
03
2
14
5678
910



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com