Electronic Components Datasheet Search
  English  ▼

X  

2N4416 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # 2N4416
Description  N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

2N4416 Datasheet(HTML) 2 Page - Linear Integrated Systems

  2N4416 Datasheet HTML 1Page - Linear Integrated Systems 2N4416 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
HIGH FREQUENCY ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
100 MHz
400 MHz
SYMBOL
CHARACTERISTIC
MIN
MAX
MIN
MAX
UNITS
CONDITIONS
giss
Input Conductance
100
1000
biss
Input Susceptance
2
2500
10000
goss
Output Conductance
75
100
boss
Output Susceptance
2
1000
4000
Gfs
Forward Transconductance
4000
µS
VDS = 15V, VGS = 0V
Gps
Power Gain
2
18
10
VDS = 15V, ID = 5mA
NF
Noise Figure
2
2
4
dB
VDS = 15V, ID = 5mA, RG = 1kΩ
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
123
LS XXX
YYWW
0.170
0.195
0.500
0.610
0.016
0.022
0.095
0.105
0.045
0.055
0.175
0.195
0.130
0.155
0.045
0.060
0.014
0.020
TO-92
DIMENSIONS
IN INCHES.
TO-72
Four Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
4 LEADS
2
1
3
0.046
0.036
45°
0.048
0.028
0.100
0.050
4
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Not production tested, guaranteed by design.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com