Electronic Components Datasheet Search
  English  ▼

X  

SST4391 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # SST4391
Description  SINGLE N-CHANNEL JFET SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST4391 Datasheet(HTML) 2 Page - Linear Integrated Systems

  SST4391 Datasheet HTML 1Page - Linear Integrated Systems SST4391 Datasheet HTML 2Page - Linear Integrated Systems SST4391 Datasheet HTML 3Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STATIC ELECTRICAL CHARACTERISTICS CONT. @25 °C (unless otherwise stated)
4391
4392
4393
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
5
100
VDS = 20V, VGS = -5V
5
100
VDS = 20V, VGS = -7V
2N
5
100
VDS = 20V, VGS = -12V
5
1000
VDS = 20V, VGS = -5V
5
1000
VDS = 20V, VGS = -7V
PN
5
1000
VDS = 20V, VGS = -12V
ID(off)
Drain Cutoff Current
SST
5
100
100
100
pA
VDS = 10V, VGS = -10V
rDS(on)
Drain to Source On Resistance
30
60
100
Ω
VGS = 0V, ID = 1mA
DYNAMIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
4391
4392
4393
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
gfs
Forward Transconductance
6
mS
gos
Output Conductance
25
µS
VDS = 20V, ID = 1mA
f = 1kHz
rds(on)
Drain to Source On Resistance
30
60
100
Ω
VGS = 0V, ID = 0A
f = 1kHz
2N
12
14
14
14
PN
12
16
16
16
Ciss
Input Capacitance
SST
13
VDS = 20V, VGS = 0V
f = 1MHz
2N
3.3
3.5
PN
3.5
5
SST
3.6
VDS = 0V, VGS = -5V
f = 1MHz
2N
3.2
3.5
PN
3.4
5
SST
3.5
VDS = 0V, VGS = -7V
f = 1MHz
2N
2.8
3.5
PN
3.0
5
Crss
Reverse Transfer
Capacitance
SST
3.1
pF
VDS = 0V, VGS = -12V
f = 1MHz
en
Equivalent Input Noise Voltage
3
nV/√Hz
VDS = 10V, ID = 10mA
f = 1kHz
SWITCHING ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
4391
4392
4393
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
2N/PN
2
15
15
15
td(on)
SST
2
2N/PN
2
5
5
5
tr
Turn On Time
SST
2
2N/PN
6
20
35
50
td(off)
SST
6
2N/PN
13
15
20
30
tf
Turn Off Time
SST
13
ns
VDD = 10V, VGS(H) = 0V
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com