Electronic Components Datasheet Search
  English  ▼

X  

SST4416 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # SST4416
Description  N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST4416 Datasheet(HTML) 1 Page - Linear Integrated Systems

  SST4416 Datasheet HTML 1Page - Linear Integrated Systems SST4416 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Direct Replacement For SILICONIX 2N/SST4416 & 2N4416A
VERY LOW NOISE FIGURE (400 MHz)
4 dB (max)
EXCEPTIONAL GAIN (400 MHz)
10 dB (min)
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +200 °C
Operating Junction Temperature
-55 to +135 °C
Maximum Power Dissipation
Continuous Power Dissipation
300mW
Maximum Currents
Gate Current
10mA
Maximum Voltages
Gate to Drain or Gate to Source LS4416
-30V
Gate to Drain or Gate to Source LS4416A
-35V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
2N/SST4416
-30
BVGSS
Gate to Source
Breakdown Voltage
2N4416A
-35
IG = -1µA, VDS = 0V
2N/SST4416
-6
VGS(off)
Gate to Source
Cutoff Voltage
2N4416A
-2.5
-6
V
VDS = 15V, ID = 1nA
IDSS
Gate to Source Saturation Current
5
15
mA
VDS = 15V, VGS = 0V
2N
-0.1
VGS = -20V, VDS = 0V
IGSS
Gate Leakage Current
SST
-1.0
nA
VGS = -15V, VDS = 0V
gfs
Forward Transconductance
4500
7500
gos
Output Conductance
50
µS
VDS = 15V, VGS = 0V, f = 1kHz
Ciss
Input Capacitance
2
0.8
Crss
Reverse Transfer Capacitance
2
4
Coss
Output Capacitance
2
2
pF
VDS = 15V, VGS = 0V, f = 1MHz
en
Equivalent Input Noise Voltage
6
nV/√Hz
VDS = 10V, VGS = 0V, f = 1kHz
*Optional Package For 2N4416
2N SERIES*
TO-92
BOTTOM VIEW
123
SD G
SST SERIES
1
2
3
SOT-23
TOP VIEW
D
G
S
2N SERIES
D
S
G
2
1
3
BOTTOM VIEW
TO-72
4
C
Linear Integrated Systems
2N/SST4416 2N4416A
N-CHANNEL JFET
HIGH FREQUENCY AMPLIFIER
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - SST4416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST4416 VISHAY-SST4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
SST4416 VISHAY-SST4416 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
logo
Micross Components
SST4416 MICROSS-SST4416 Datasheet
286Kb / 1P
Linear Systems replaces discontinued Siliconix SST4416
logo
Vishay Siliconix
SST4416 VISHAY-SST4416 Datasheet
86Kb / 7P
N-Channel JFETs
24-Jan-05
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
More results

Similar Description - SST4416

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
J308 CALOGIC-J308 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Micross Components
LS4416_SOT-23 MICROSS-LS4416_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416_TO-72 MICROSS-LS4416_TO-72 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_TO-92 MICROSS-LS4416A_TO-92 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308_15 Datasheet
31Kb / 2P
N-Channel JFET High Frequency Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com