Electronic Components Datasheet Search
  English  ▼

X  

DS3692 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3692
Description  TRI-STATE Differential Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3692 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3692 Datasheet HTML 1Page - National Semiconductor (TI) DS3692 Datasheet HTML 2Page - National Semiconductor (TI) DS3692 Datasheet HTML 3Page - National Semiconductor (TI) DS3692 Datasheet HTML 4Page - National Semiconductor (TI) DS3692 Datasheet HTML 5Page - National Semiconductor (TI) DS3692 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
V
EE ≤ 0V (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
High Level Input Voltage
2
V
V
IL
Low Level Input Voltage
0.8
V
I
IH
High Level Input Current
V
IN = 2.4V
1
40
µA
V
IN ≤ 15V
10
100
µA
I
IL
Low Level Input Current
V
IN = 0.4V
−30
−200
µA
V
I
Input Clamp Voltage
I
IN = −12 mA
−1.5
V
I
XA
Output Leakage Current
V
CC = VEE = 0V
V
O = 15V
0.01
0.15
mA
I
XB
Power OFF
V
O = −15V
−0.01
−0.15
mA
Switching Characteristics
T
A = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC = 5V, MODE SELECT = 0.8V
t
r
Differential Output Rise Time
R
L = 100Ω,CL = 500 pF (Figure 1)
120
200
ns
t
f
Differential Output Fall Time
R
L = 100Ω,CL = 500 pF (Figure 1)
120
200
ns
t
PDH
Output Propagation Delay
R
L = 100Ω,CL = 500 pF (Figure 1)
120
200
ns
t
PDL
Output Propagation Delay
R
L = 100Ω,CL = 500 pF (Figure 1)
120
200
ns
t
PZL
TRI-STATE Delay
R
L = 100Ω,CL = 500 pF (Figure 2)
180
250
ns
t
PZH
TRI-STATE Delay
R
L = 100Ω,CL = 500 pF (Figure 2)
180
250
ns
t
PLZ
TRI-STATE Delay
R
L = 100Ω,CL = 500 pF (Figure 2)
80
150
ns
t
PHZ
TRI-STATE Delay
R
L = 100Ω,CL = 500 pF (Figure 2)
80
150
ns
V
CC = 5V, VEE = −5V, MODE SELECT = 0.8V
t
r
Differential Output Rise Time
R
L = 200Ω,CL = 500 pF (Figure 1)
190
300
ns
t
f
Differential Output Fall Time
R
L = 200Ω,CL = 500 pF (Figure 1)
190
300
ns
t
PDL
Output Propagation Delay
R
L = 200Ω,CL = 500 pF (Figure 1)
190
300
ns
t
PDH
Output Propagation Delay
R
L = 200Ω,CL = 500 pF (Figure 1)
190
300
ns
t
PZL
TRI-STATE Delay
R
L = 200Ω,CL = 500 pF (Figure 2)
180
250
ns
t
PZH
TRI-STATE Delay
R
L = 200Ω,CL = 500 pF (Figure 2)
180
250
ns
t
PLZ
TRI-STATE Delay
R
L = 200Ω,CL = 500 pF (Figure 2)
80
150
ns
t
PHZ
TRI-STATE Delay
R
L = 200Ω,CL = 500 pF (Figure 2)
80
150
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified, min/max limits apply across the −55˚C to +125˚C temperature range for the DS1692 and across the 0˚C to +70˚C range for the
DS3692. All typicals are given for VCC = 5V and TA = 25˚C. VCC and VEE as listed in operating conditions.
Note 4: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 5: Only one output at a time should be shorted.
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com