Electronic Components Datasheet Search
  English  ▼

X  

LMH6720MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6720MA/NOPB
Description  Wideband Video Op Amp; Single, Single with Shutdown and Quad
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6720MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6720MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6720MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
2
3
4
0
0.01
0.02
0.03
0.04
0.05
VIDEO LOADS (150: EACH)
0
0.01
0.02
0.03
0.04
0.05
PHASE
GAIN
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
AV = 1, RF = 600:
AV = 2, RF = 300:
AV = 6, RF = 200:
GAIN
PHASE
VO = 500mVPP
LMH6714, LMH6720
LMH6722, LMH6722-Q1
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance
Differential Gain and Phase vs. Number of Video Loads
Non-Inverting Small Signal Frequency Response
(LMH6714)
Figure 1.
Figure 2.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model
2000V
Machine Model
200V
VCC
±6.75V
IOUT
See(4)
Common Mode Input Voltage
±VCC
Differential Input Voltage
2.2V
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (soldering 10 sec)
+300°C
Storage Temperature Range
−65°C to +150°C
Shutdown Pin Voltage(5)
+VCC to VCC/2-1V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specific specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the POWER DISSIPATION section for
more details.
(5)
The shutdown pin is designed to work between 0 and VCC with split supplies (VCC = -VEE). With single supplies (VEE = ground) the
shutdown pin should not be taken below VCC/2.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com