Electronic Components Datasheet Search
  English  ▼

X  

KAC Datasheet(PDF) 1 Page - E-SWITCH

Part # KAC
Description  kac SerieS Dip Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KAC Datasheet(HTML) 1 Page - E-SWITCH

  KAC Datasheet HTML 1Page - E-SWITCH KAC Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
kac SerieS Dip Switch
Specifications subject to change without notice
• Splayed or gullwing termination options
• Packaging options include Tube or Tape & Reel
• Up to 10 positions
• Gold contacts
• Switches are supplied in “OFF” position
Electrical Rating: 100mA @ 50VDC Non-Switching
25mA @ 24VDC Switching
Life Expectancy: 2,000 Cycles
Contact Resistance: 100mΩ Max.
Insulation Resistance: 100 MΩ Min. at 500VDC
Dielectric Strength: 100VAC for 1 min.
Operating Temperature: -20°C to 85°C
Storage Temperature: -40°C to 85°C
Travel: 20 degrees nominal
Contact Arrangement: SPST each position
KAC
02 - 2 positions
04 - 4 positions
06 - 6 positions
08 - 8 positions
10 - 10 positions
T - Tube
R - Tape & Reel
L - Extended
A - Splayed
G - Gullwing
G - Gold
Series
No. of
Positions
Packaging
Actuator
Termination
Contact
Material
Medical Equipment


Similar Part No. - KAC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KAC MSYSTEM-KAC Datasheet
98Kb / 3P
Plug-in Signal Conditioners K-UNIT
logo
ON Semiconductor
KAC-06040 ONSEMI-KAC-06040 Datasheet
889Kb / 43P
ESD6100
May, 2015 ??Rev. 2
KAC-06040 ONSEMI-KAC-06040 Datasheet
877Kb / 43P
CMOS Image Sensor
March, 2016 ??Rev. 3
KAC-06040-AB-A-GEVK ONSEMI-KAC-06040-AB-A-GEVK Datasheet
877Kb / 43P
CMOS Image Sensor
March, 2016 ??Rev. 3
KAC-06040-ABA-JD-AE ONSEMI-KAC-06040-ABA-JD-AE Datasheet
889Kb / 43P
ESD6100
May, 2015 ??Rev. 2
More results

Similar Description - KAC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
Tyco Electronics
2-1437590-5 MACOM-2-1437590-5 Datasheet
192Kb / 1P
DIP SWITCH GOH SERIES
1571983-5 MACOM-1571983-5 Datasheet
131Kb / 1P
DIP SWITCH GDH SERIES
GDH10S04 MACOM-GDH10S04 Datasheet
129Kb / 1P
DIP SWITCH GDH SERIES
GDH04S04 MACOM-GDH04S04 Datasheet
128Kb / 1P
DIP SWITCH GDH SERIES
GDH04STR04 MACOM-GDH04STR04 Datasheet
138Kb / 1P
DIP SWITCH GDH SERIES
logo
E-SWITCH
KAE E-SWITCH-KAE Datasheet
1Mb / 3P
KAE Series DIP Switch
logo
Cooper Bussmann, Inc.
KAC-1 COOPER-KAC-1 Datasheet
32Kb / 1P
KAC 600V
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com