Electronic Components Datasheet Search
  English  ▼

X  

KO103C Datasheet(PDF) 7 Page - E-SWITCH

Part # KO103C
Description  KEYLOCK SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO103C Datasheet(HTML) 7 Page - E-SWITCH

Back Button KO103C Datasheet HTML 3Page - E-SWITCH KO103C Datasheet HTML 4Page - E-SWITCH KO103C Datasheet HTML 5Page - E-SWITCH KO103C Datasheet HTML 6Page - E-SWITCH KO103C Datasheet HTML 7Page - E-SWITCH KO103C Datasheet HTML 8Page - E-SWITCH KO103C Datasheet HTML 9Page - E-SWITCH KO103C Datasheet HTML 10Page - E-SWITCH KO103C Datasheet HTML 11Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SERIES KO SWITCHES
KEYLOCK SWITCHES
KO 124
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder, satin chrome plated
Steel made tubular keys, nickel plated
Silver plated contacts and terminals
50,000 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO124A
Pos. 2, Pos. 3
KO124C
KO124D
45 -90 indexing
90 indexing
2
3
OFF
1-2
1-2
1-2
Pos. 2, Pos. 3
Pos. 1, Pos. 2, Pos. 3
1
2
3
3-4
3-4
OFF
2
3
90 indexing
= Detent Position
= Keypull Possible
= Momentary
Ratings:
2A @ 125 VAC
1A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 126
FEATURES & BENEFITS
Zinc alloy die cast housing, chrome plated
Brass cylinder, chrome plated
Brass keys, nickel plated, with plastic cover
Silver plated contacts and terminals
2 positions (Off-On)
Dual-Functioned Key Lock Switch
L dimension per customer requirement; 13mm is standard
200 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO126A
Pos. 1, Pos. 2
90 indexing
1
2
OFF
1-2
= Detent Position
= Keypull Possible
= Momentary
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
226
Fax: 763-531-8235
Phone: 800-867-2717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com