Electronic Components Datasheet Search
  English  ▼

X  

XRP6275 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP6275
Description  3A Ultra Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6275 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP6275 Datasheet HTML 3Page - Exar Corporation XRP6275 Datasheet HTML 4Page - Exar Corporation XRP6275 Datasheet HTML 5Page - Exar Corporation XRP6275 Datasheet HTML 6Page - Exar Corporation XRP6275 Datasheet HTML 7Page - Exar Corporation XRP6275 Datasheet HTML 8Page - Exar Corporation XRP6275 Datasheet HTML 9Page - Exar Corporation XRP6275 Datasheet HTML 10Page - Exar Corporation XRP6275 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2015 Exar Corporation
THEORY OF OPERATION
SINGLE RAIL INPUT VOLTAGE
The XRP6275’s ultra low input voltage allow
single rail operation from 2.625V down
1.045V without requiring any extra biasing
voltage.
This
single
input
voltage
range
provides
easy
conversions
from
industry
standard 1.1V, 1.2V, 1.35V, 1.5V, 1.8V and
2.5V power rails.
DROPOUT VOLTAGE
The dropout voltage is the input
differential
voltage
at
which
the
ceases to regulate against further reductions
in input voltage; this point occurs when the
input voltage approaches the output voltage.
The
XRP6275
provides
ultra
low
leading dropout voltage performance making it
the perfect solution for high current extremely
tight input/output voltage conversions. T
extremely low dropout voltage allows high
efficiencies conversions.
Below
tables
illustrate
the
achievable
conversions for different load requirements
the XRP6275.
3A
VIN (V)
1.80
1.50
1.35
1.20
1.10
1.00
0.90
2.50
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1.80
Yes
Yes
Yes
Yes
Yes
Yes
1.50
No
Yes
Yes
Yes
Yes
1.35
No
Yes
Yes
Yes
1.20
No
Yes
Yes
1.10
No
Yes
2A
VIN (V)
1.80
1.50
1.35
1.20
1.10
1.00
0.90
2.50
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1.80
Yes
Yes
Yes
Yes
Yes
Yes
1.50
Yes
Yes
Yes
Yes
Yes
1.35
Yes
Yes
Yes
Yes
1.20
No
Yes
Yes
1.10
No
Yes
1A
VIN (V)
1.80
1.50
1.35
1.20
1.10
1.00
0.90
2.50
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1.80
Yes
Yes
Yes
Yes
Yes
Yes
1.50
Yes
Yes
Yes
Yes
Yes
1.35
Yes
Yes
Yes
Yes
1.20
Yes
Yes
Yes
1.10
Yes
Yes
Output Voltage
Output Voltage
Output Voltage
Note: Yellow indicates conversions that may be thermally
limited
The maximum output current available for a
given
conversion
is
dependent
o
operating conditions and thermal performance
of DFN10/PCB (see note 1 on page 3)
3A Ultra Low Dropout Voltage Regulator
7/11
ra low input voltage allows
5V down to
1.045V without requiring any extra biasing
voltage.
This
single
input
voltage
range
easy
conversions
from
industry
standard 1.1V, 1.2V, 1.35V, 1.5V, 1.8V and
The dropout voltage is the input-to-output
differential
voltage
at
which
the
XR6275
ceases to regulate against further reductions
voltage; this point occurs when the
input voltage approaches the output voltage.
ultra
low
industry
leading dropout voltage performance making it
the perfect solution for high current extremely
tight input/output voltage conversions. This
extremely low dropout voltage allows high
Below
tables
illustrate
the
achievable
conversions for different load requirements for
0.90
0.80
0.60
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
0.90
0.80
0.60
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
0.90
0.80
0.60
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
conversions that may be thermally
The maximum output current available for a
given
conversion
is
dependent
on
the
and thermal performance
(see note 1 on page 3).
SETTING THE OUTPUT VOLTAGE
The XRP6275 is an adjustable regulator that
can be programmed to any value between
0.6V and 2.4V using 2 external resistors, R1
and R2. The relationship between the resistors
and the output voltage is:
0.6
where VOUT is the desired output voltage.
Sum of resistors R1 and R2 must meet the
following requirement:
1 2 20
INPUT AND OUTPUT CAPACITORS
The XRP6275 is designed to be stable for all
available types and values of output capacitors
greater than 4.7µF.
The required capacitance on
pins strongly depends on the input supply
source
impedance;
the
minimum
recommended capacitor for VIN is 4.7µF. Low
ESR ceramic X5R and X7R capacitors are
recommended and should be placed as close
as
possible
to
the
pins
for
optimal
performance.
Because of the low voltages and high currents
supported by this device, typical values of
47uF for both input and output capacitors are
recommended
when
powering
high
speed
digital circuits.
ENABLE INPUT AND SHUTDOWN
The enable pin (EN) can be used
the XRP6275. Connecting this pin to ground
signal or to a voltage less than typical
will completely turn off the regulator.
the EN above 0.67V enables the XRP6275.
Where EN is derived from VIN it must be
sequenced with respect to VIN as shown in the
application
circuit.
Where
an
independent
control signal is applied to EN, it must be
asserted high after VIN reaches its minimum
operating range.
The enable pin is a high impedance MOS input.
In order to allow the EN pin compatibili
5V or 3.3V control signals, there is an internal
XRP6275
3A Ultra Low Dropout Voltage Regulator
Rev. 2.0.0
OLTAGE
table regulator that
can be programmed to any value between
V using 2 external resistors, R1
and R2. The relationship between the resistors
6 1
is the desired output voltage.
Sum of resistors R1 and R2 must meet the
20
APACITORS
designed to be stable for all
available types and values of output capacitors
The required capacitance on the VIN and VOUT
pins strongly depends on the input supply
source
impedance;
the
minimum
recommended capacitor for VIN is 4.7µF. Low
ESR ceramic X5R and X7R capacitors are
recommended and should be placed as close
as
possible
to
the
pins
for
optimal
Because of the low voltages and high currents
supported by this device, typical values of
47uF for both input and output capacitors are
recommended
when
powering
high
speed
HUTDOWN
The enable pin (EN) can be used to shut down
. Connecting this pin to ground
signal or to a voltage less than typical 0.55V
will completely turn off the regulator. Pulling
the EN above 0.67V enables the XRP6275.
Where EN is derived from VIN it must be
o VIN as shown in the
application
circuit.
Where
an
independent
control signal is applied to EN, it must be
asserted high after VIN reaches its minimum
is a high impedance MOS input.
In order to allow the EN pin compatibility with
5V or 3.3V control signals, there is an internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com