| Electronic Components Datasheet Search |
|
TAS3103 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3103 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 150 page ![]() 2−18 S Start (By Master) TAS3103 Address Acknowledge (By TAS3103) 7-Bit Slave Address (By Master) W Write (By Master) ACK Subaddress TAS3103 Subaddress (By Master) Acknowledge (By TAS3103) ACK S Stop (By Master) S Start (By Master) TAS3103 Address Acknowledge (By TAS3103) 7-Bit Slave Address (By Master) R Read (By Master) ACK Data Data (By TAS3103) ACK Data Data (By TAS3103) Acknowledge (By Master) ACK Acknowledge (By Master) S Stop (By Master) NAK No Acknowledge (By Master) S Start (By Master) TAS3103 Address Acknowledge (By TAS3103) 7-Bit Slave Address (By Master) W Write (By Master) ACK Data Data (By Master) ACK Data Data (By Master) ACK S Stop (By Master) ACK Subaddress TAS3103 Subaddress (By Master) Acknowledge (By TAS3103) ACK Acknowledge (By TAS3103) Acknowledge (By TAS3103) Acknowledge (By TAS3103) I2C Write Transaction I2C Read Transaction Figure 2−16. I2C Subaddress Access Protocol 2.3.2.1 I2C Master Mode Operation The TAS3103 uses the master mode to download an operational configuration. The configuration downloaded must contain data for all 256 subaddresses, with spacer data supplied for those subaddresses that are GPIO subaddresses, read-only subaddresses, factory-test subaddresses, or unused (reserved) subaddresses. The spacer data must always be assigned the value zero. Table 2−3 organizes the 256 subaddresses (and their corresponding EEPROM addresses) into sequential blocks, with each block containing either valid data or spacer data. Table 2−3 also illustrates that the subaddresses and their corresponding EEPROM memory addresses do not directly correlate. This is because many subaddresses are assigned more than one 32-bit word. For example, there is a unique subaddress for each biquad filter in the TAS3103, but each subaddress is assigned five 32-bit coefficients—resulting in 20 bytes of memory being assigned to each biquad subaddress. The TAS3103, in the I2C master mode, can execute a complete download without requiring any wait states. After the TAS3103 has downloaded all 2367 bytes of coefficient and spacer data, the I2C bus is disabled and cannot be used to update coefficient values or retrieve status or spectrum/VU meter data. Volume control is available in the master mode via the four GPIO pins. In I2C master mode, the watchdog timer must not be enabled. When programming the EEPROM, make sure that the starting I2C check word (subaddres 0x00) and ending I2C check word (subaddress 0xFC) are identical. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |