Electronic Components Datasheet Search
  English  ▼

X  

J210 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # J210
Description  LOW NOISE N-CHANNEL J-FET GENERAL PURPOSE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J210 Datasheet(HTML) 1 Page - Linear Integrated Systems

  J210 Datasheet HTML 1Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linear Integrated Systems
Linear Integrated Systems 4042 Clipper Ct., Fremont, CA 94538 TEL: (510) 490-9160 • FAX: (510) 353-0261
J210, J211, J212
FEATURES
HIGH GAIN g
fs
= 7000
µmho MINIMUM (J211, J212)
HIGH INPUT IMPEDANCE I
GSS
= 100pA MAXIMUM
LOW INPUT CAPACITANCE C
iss
= 5pF TYPICAL
ABSOLUTE MAXIMUM RATINGS
@ 25
°C (unless otherwise noted)
Gate-Drain or Gate-Source Voltage
-25V
Gate Current
10mA
Total Device Dissipation @ 25
°C Ambient
360mW
(Derate 3.27 mW/
°C)
Operating Temperature Range
-55
°C to + 135°C
Bottom View
G
D
S
D
Plastic
S G
D
G
S
TO-92
LOW NOISE N-CHANNEL J-FET
GENERAL PURPOSE AMPLIFIER
TO-92
ELECTRICAL CHARACTERISTICS @ 25
°C (unless otherwise noted)
SYMBOL CHARACTERISTICS
J210
J211
J212
UNITS CONDITIONS
MIN TYP MAX MIN TYP MAX
MIN TYP MAX
I
GSS
Gate Reverse Current
--
--
-100
--
--
-100
--
--
-100
pA
V
DS
=
0
V
GS
= -15V (NOTE 1)
V
GS(off)
Gate-Source Cutoff Voltage
-1
--
-3
-2.5
--
-4.5
-4
--
-6
V
DS
=15V
I
D
=1nA
BV
GSS
Gate-Source Breakdown Voltage
-25
--
--
-25
--
--
-25
--
--
V
DS
=0
I
G
= -1
µA
I
DSS
Drain Saturation Current
2
--
15
7
--
20
15
--
40
mA
V
DS
=15V
V
GS
=0
(NOTE 2)
I
G
Gate Current
--
-10
--
--
-10
--
--
-10
--
pA
V
DS
=10V
I
D
=1mA
(NOTE 1)
g
fs
Common-Source Forward
4,000
--
12,000
6,000
--
12,000
7,000
--
12,000
Transconductance
g
os
Common-Source Output
--
--
150
--
--
200
--
--
200
Conductance
C
iss
Common-Source Input
--
4
--
--
4
--
--
4
--
f=1MHz
Capacitance
C
rss
Common-Source Reverse
--
1
--
--
1
--
--
1
--
Transfer Capacitance
e
n
Equivalent Short-Circuit Input
--
10
--
--
10
--
--
10
--
nV
√Hz
f=1kHz
Noise Voltage
NOTE 1: Approximately doubles for every 10
°C increase in T
A
.
NOTE 2: Pulse test duration = 2ms.
V
pF
V
DS
=15V
V
GS
=0
µmho
f=1kHz


Similar Part No. - J210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J210 PHILIPS-J210 Datasheet
100Kb / 12P
N-channel field-effect transistors
1997 Dec 01
logo
Fairchild Semiconductor
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
N-Channel RF Amplifier
logo
Calogic, LLC
J210 CALOGIC-J210 Datasheet
22Kb / 2P
N-Channel JFET
logo
List of Unclassifed Man...
J210 ETC1-J210 Datasheet
213Kb / 4P
PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
J210 NJSEMI-J210 Datasheet
144Kb / 1P
GENERAL PURPOSE AMPS
More results

Similar Description - J210

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
Dec-1998
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
465Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
logo
Unisonic Technologies
TL082 UTC-TL082_09 Datasheet
300Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_15 Datasheet
334Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Unisonic Technologies
TL082 UTC-TL082_18 Datasheet
241Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com