Electronic Components Datasheet Search
  English  ▼

X  

MB210S Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB210S
Description  2A SURFACE MOUNT SCHOTTKY BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB210S Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB210S Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB210S Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB210S Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2A SURFACE MOUNT SCHOTTKY BRIDGE
FEATURES:
Reverse Voltage - 40 to 200 V
Forward Current - 2 A
High Surge Current Capability
Designed for Surface Mount Application
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
VRRM
VRMS
VDC
V
V
V
Maximum Ratings and Electrical characteristics
Units
Symbols
MECHANICAL DATA
• Case: MBS
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 100mg / 0.0035oz
MB24S
MB26S
MB28S
MB210S
40
60
80
100
200
40
60
80
100
200
Maximum Average Forward Rectified Current
90
at T =
°C
c
1)
Typical Junction Capacitance
2.0
40
0.5
10
75
-55 ~ +125
A
A
V
mA
pF
°C
Typical Thermal Resistance
2)
°C/W
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 2 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
T = 25
°C
a
T =100
°C
a
IF(AV)
IFSM
VF
IR
RθJA
Cj
Tj
Tstg
Storage Temperature Range
0.55
0.70
0.85
220
-55 ~ +150
°C
0.3
5
80
50
MB220S
28
42
56
70
140
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
(
×
)copper pad.
1.5" 1.5"
3.81 3.81 cm
MBS Package
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Cathode(-)
Output Anode(+)
Input Pin(~)
Input Pin(~)
1
2
3
4
MB24S THRU MB220S
www.yfwdiode.com


Similar Part No. - MB210S

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MB210S DIOTECH-MB210S Datasheet
877Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
MB210S CHENDA-MB210S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Nanjing International G...
MB210S DGNJDZ-MB210S Datasheet
594Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Bruckewell Technology L...
MB210S BWTECH-MB210S Datasheet
346Kb / 4P
Surface Mount Schottky Bridge Rectifiers
logo
Shanghai Shunye Electro...
MB210S SHUNYE-MB210S Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
More results

Similar Description - MB210S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB24F YFWDIODE-TB24F Datasheet
82Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F-MBF YFWDIODE-MB24F-MBF Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24F-ABF YFWDIODE-TB24F-ABF Datasheet
420Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24S-LBF YFWDIODE-TB24S-LBF Datasheet
420Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB24F YFWDIODE-MB24F Datasheet
495Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S YFWDIODE-MB24S Datasheet
499Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24S YFWDIODE-TB24S Datasheet
505Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB24F SKTECHNOLGY-MB24F Datasheet
294Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S SKTECHNOLGY-MB24S Datasheet
286Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com