Electronic Components Datasheet Search
  English  ▼

X  

SD211 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # SD211
Description  N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SD211 Datasheet(HTML) 1 Page - Linear Integrated Systems

  SD211 Datasheet HTML 1Page - Linear Integrated Systems SD211 Datasheet HTML 2Page - Linear Integrated Systems SD211 Datasheet HTML 3Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Linear Integrated Systems
SD-SST211/213/215
N-CHANNEL LATERAL
DMOS SWITCH
ZENER PROTECTED
Product Summary
Features
Benefits
Applications
• Ultra-High Speed Switching—tON: 1 ns
• High-Speed System Performance
• Fast Analog Switch
• Ultra-Low Reverse Capacitance: 0.2 pF
• Low Insertion Loss at High Frequencies
• Fast Sample-and-Holds
• Low Guaranteed rDS @5 V
• Low Transfer Signal Loss
• Pixel-Rate Switching
• Low Turn-On Threshold Voltage
• Simple Driver Requirement
• DAC Deglitchers
• N-Channel Enhancement Mode
• Single Supply Operation
• High-Speed Driver
Description
The SD211DE/SST211 series consists of enhancement-mode
MOSFETs designed for high speed low-glitch switching in audio,
video, and high-frequency applications. The SD211 may be used
for
±5-V analog switching or as a high speed driver of the SD214.
The SD214 is normally used for
±10-V analog switching. These
MOSFETs utilize lateral construction to achieve low capacitance
and ultra-fast switching speeds. An integrated Zener diode
provides ESD protection. These devices feature a poly-silicon
gate for manufacturing reliability.
For similar products see: quad array—SD5000/5400 series, and
non-Zener protection—SD210DE/214DE.


Similar Part No. - SD211

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD211 CALOGIC-SD211 Datasheet
29Kb / 2P
High-Speed Analo N-Channel DMOS FETs
logo
Linear Integrated Syste...
SD211 LINEAR-SD211 Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD211 LINEAR-SD211 Datasheet
220Kb / 4P
N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
AVX Corporation
SD2114S020L0R1 AVX-SD2114S020L0R1 Datasheet
615Kb / 6P
Schottky Barrier Rectifier Diode
SD2114S020L0R1 AVX-SD2114S020L0R1 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results

Similar Description - SD211

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SDSST211 LINEAR-SDSST211 Datasheet
511Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SST823 LINEAR-SST823 Datasheet
227Kb / 2P
HIGH SPEED N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
N-CHANNEL LATERAL DMOS SWITCH
logo
Micross Components
SD211DE MICROSS-SD211DE Datasheet
229Kb / 1P
N-Channel Lateral DMOS Switch - Zener Protected
SD213DE MICROSS-SD213DE Datasheet
229Kb / 1P
N-Channel Lateral DMOS Switch - Zener Protected
SD215DE MICROSS-SD215DE Datasheet
229Kb / 1P
N-Channel Lateral DMOS Switch - Zener Protected
SST211DE MICROSS-SST211DE Datasheet
225Kb / 1P
N-Channel DMOS Switch - Zener Protected
SST213DE MICROSS-SST213DE Datasheet
225Kb / 1P
N-Channel DMOS Switch - Zener Protected
SST215DE MICROSS-SST215DE Datasheet
225Kb / 1P
N-Channel DMOS Switch - Zener Protected
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com