Electronic Components Datasheet Search
  English  ▼

X  

Z1SMA3.3 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # Z1SMA3.3
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

Z1SMA3.3 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  Z1SMA3.3 Datasheet HTML 1Page - SUNMATE electronic Co., LTD Z1SMA3.3 Datasheet HTML 2Page - SUNMATE electronic Co., LTD Z1SMA3.3 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Z1SMA200
Z1SMA180
Z1SMA160
Z1SMA150
Z1SMA130
Z1SMA120
Z1SMA110
Z1SMA100
Z1SMA91
Z1SMA82
Z1SMA75
Z1SMA68
Z1SMA62
Z1SMA56
Z1SMA51
Z1SMA47
Z1SMA43
Z1SMA39
Z1SMA36
Z1SMA33
Z1SMA30
Z1SMA27
Z1SMA24
Z1SMA22
Z1SMA20
Z1SMA18
Z1SMA16
Z1SMA15
Z1SMA13
Z1SMA12
Z1SMA11
Z1SMA10
Z1SMA9.1
Z1SMA8.2
Z1SMA7.5
Z1SMA6.8
Z1SMA5.6
Z1SMA5.1
Z1SMA4.7
Z1SMA4.3
Z1SMA3.9
Z1SMA3.6
Z1SMA3.3
2 of 3
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3.3
76.0
10
400
1.0
100
1.0
276
3.6
69.0
10
400
1.0
100
1.0
252
3.9
64.0
9.0
400
1.0
50
1.0
234
4.3
58.0
9.0
400
1.0
10
1.0
217
4.7
53.0
8.0
500
1.0
10
1.0
193
5.1
49.0
7.0
550
1.0
10
1.0
178
5.6
45.0
5.0
600
1.0
10
2.0
162
6.2
41.0
2.0
700
1.0
10
3.0
146
6.8
37.0
3.5
700
1.0
50
4.0
133
7.5
34.0
4.0
700
0.5
50
5.0
121
8.2
31.0
4.5
700
0.5
50
6.0
110
9.1
28.0
5.0
700
0.5
50
7.0
100
10
25.0
7.0
700
0.25
50
7.6
91
11
23.0
8.0
700
0.25
50
8.4
83
12
21.0
9.0
700
0.25
5.0
9.1
76
13
19.0
10
700
0.25
5.0
9.9
69
15
17.0
14
700
0.25
5.0
11.4
61
16
15.5
16
700
0.25
5.0
12.2
57
18
14.0
20
750
0.25
5.0
13.7
50
20
12.5
22
750
0.25
5.0
15.2
45
22
11.5
23
750
0.25
5.0
16.7
41
24
10.5
25
750
0.25
5.0
18.2
38
27
9.5
35
750
0.25
5.0
20.6
34
30
8.5
40
1000
0.25
5.0
22.8
30
33
7.5
45
1000
0.25
5.0
25.1
27
36
7.0
50
1000
0.25
5.0
27.4
25
39
6.5
60
1000
0.25
5.0
29.7
23
43
6.0
70
1500
0.25
5.0
32.7
22
47
5.5
80
1500
0.25
5.0
35.8
19
51
5.0
95
1500
0.25
5.0
38.8
18
56
4.5
110
2000
0.25
5.0
42.6
16
62
4.0
125
2000
0.25
5.0
47.1
14
68
3.7
150
2000
0.25
5.0
51.7
13
75
3.3
175
2000
0.25
5.0
56.0
12
82
3.0
200
3000
0.25
5.0
62.2
11
91
2.8
250
3000
0.25
5.0
69.2
10
100
2.5
350
3000
0.25
5.0
76.0
9.0
110
2.3
450
4000
0.25
5.0
83.6
8.6
120
2.0
550
4500
0.25
5.0
91.2
7.8
130
1.9
700
5000
0.25
5.0
98.8
7.0
150
1.7
1000
6000
0.25
5.0
114.0
6.4
160
1.6
1100
6500
0.25
5.0
121.6
5.8
180
1.4
1200
7000
0.25
5.0
136.8
5.2
200
1.2
1500
8000
0.25
5.0
152.0
4.7
Z1SMA6.2
www.sunmate.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com