Electronic Components Datasheet Search
  English  ▼

X  

J309 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # J309
Description  SINGLE N-CHANNEL HIGH FREQUENCY JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J309 Datasheet(HTML) 1 Page - Linear Integrated Systems

  J309 Datasheet HTML 1Page - Linear Integrated Systems J309 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Direct Replacement For SILICONIX U/J/SST308 SERIES
OUTSTANDING HIGH FREQUENCY GAIN
Gpg = 11.5dB
LOW HIGH FREQUENCY NOISE
NF = 2.7dB
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to 150°C
Junction Operating Temperature
-55 to 135°C
Maximum Power Dissipation
Continuous Power Dissipation (J/SST)
350mW
Continuous Power Dissipation (U)
500mW
Maximum Currents
Gate Current (J/SST)
10mA
Gate Current (U)
20mA
Maximum Voltages
Gate to Drain
-25V
Gate to Source
-25V
COMMON ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNIT
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
-25
IG = -1µA, VDS = 0V
VGS(F)
Gate to Source Forward Voltage
0.7
1
V
IG = 10mA, VDS = 0V
IG
Gate Operating Current
-15
pA
VDG = 9V, ID = 10mA
rDS(on)
Drain to Source On Resistance
35
Ω
VGS = 0V, ID = 1mA
en
Equivalent Noise Voltage
6
nV/√Hz
VDS = 10V, ID = 10mA, f = 100Hz
f = 105MHz
1.5
NF
Noise Figure
f = 450MHz
2.7
f = 105MHz
16
Gpg
Power Gain
2
f = 450MHz
11.5
dB
f = 105MHz
14
gfg
Forward
Transconductance
f = 450MHz
13
f = 105MHz
0.16
gog
Output Conductance
f = 450MHz
0.55
mS
VDS = 10V, ID = 10mA
D
S
G
2
1
3
BOTTOM VIEW
TO-18
J SERIES
TO-92
BOTTOM VIEW
123
DS G
SST SERIES
1
2
3
SOT-23
TOP VIEW
D
G
S
Linear Integrated Systems
U/J/SST308
SERIES
SINGLE N-CHANNEL HIGH
FREQUENCY JFET
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - J309

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J309 ONSEMI-J309 Datasheet
160Kb / 8P
JFET VHF/UHF Amplifiers
1997
logo
Fairchild Semiconductor
J309 FAIRCHILD-J309 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
J309 FAIRCHILD-J309 Datasheet
561Kb / 13P
N-Channel RF Amplifier
logo
Calogic, LLC
J309 CALOGIC-J309 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
ON Semiconductor
J309 ONSEMI-J309 Datasheet
66Kb / 5P
JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
More results

Similar Description - J309

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
J308 CALOGIC-J308 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Micross Components
LS4416_TO-72 MICROSS-LS4416_TO-72 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_TO-92 MICROSS-LS4416A_TO-92 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308_15 Datasheet
31Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
U308 LINEAR-U308_14 Datasheet
227Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com