Electronic Components Datasheet Search
  English  ▼

X  

FPC06073 Datasheet(PDF) 1 Page - Dielectric Laboratories, Inc.

Part # FPC06073
Description  4 to 8GHz 10dB Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

FPC06073 Datasheet(HTML) 1 Page - Dielectric Laboratories, Inc.

  FPC06073 Datasheet HTML 1Page - Dielectric Laboratories, Inc. FPC06073 Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
DLI introduces its new high frequency surface
mountable catalog direction couplers. These
couplers incorporate DLI’s high dielectric
ceramic materials which provide small size
and minimal performance variation over
temperature. The components are well
matched for monitoring incident and reflected
power.
FEATURES
Small Size
Frequency Stable over Temperature
Solder Surface Mountable
Excellent Repeatability
Operating Temp: -55˚C to +125˚C
Characteristic Impedance: 50Ω
SPECIFICATIONS*
*Typical measured performance mounted on RO4350B test board at 25°C.
4 to 8GHz 10dB Directional Coupler
FPC06073
Typical Measured Performance
Parameter
Frequency
(GHz)
Min
Max
Passband Insertion Loss*
(dB)
0.2
4 - 8
Min Passband Return Loss
(dB)
18
Coupling (dB)
10
11.5
Directivity (dB)
20
Size (LxWxH)
0.170 x .080 x .015 in
4.318 x 2.032 x .381mm
www.knowlescapacitors.com
www.dilabs.com
2777 Route 20 East, Cazenovia, NY 13035| Ph: (315)655-8710 | KCCSales@knowles.com
May 2015
*Electrical specifications based on typical mounted performance at room
temperature. Insertion loss shall vary ±0.5dB over temperature.


Similar Part No. - FPC06073

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
4 to 8GHz 10dB Directional Coupler
logo
Knowles Capacitors All ...
FPC06073 JOHANSONMANUFACTURING-FPC06073 Datasheet
990Kb / 5P
4 to 8GHz 10dB Directional Coupler
June 2024
FPC06073-T JOHANSONMANUFACTURING-FPC06073-T Datasheet
990Kb / 5P
4 to 8GHz 10dB Directional Coupler
June 2024
More results

Similar Description - FPC06073

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
FPC06075 DILABS-FPC06075 Datasheet
345Kb / 2P
12 to 18GHz 10dB Directional Coupler
FPC06076 DILABS-FPC06076 Datasheet
340Kb / 2P
4 to 8GHz 20dB Directional Coupler
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06074 KNOWLES-FPC06074 Datasheet
300Kb / 2P
8 to 12GHz 10dB Directional Coupler
FPC06075 KNOWLES-FPC06075 Datasheet
345Kb / 2P
12 to 18GHz 10dB Directional Coupler
FPC06076 KNOWLES-FPC06076 Datasheet
340Kb / 2P
4 to 8GHz 20dB Directional Coupler
FPC06149 KNOWLES-FPC06149 Datasheet
317Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06150 KNOWLES-FPC06150 Datasheet
304Kb / 2P
8 to 12GHz 10dB Directional Coupler
FPC06151 KNOWLES-FPC06151 Datasheet
291Kb / 2P
12 to 18GHz 10dB Directional Coupler
FPC06152 KNOWLES-FPC06152 Datasheet
294Kb / 2P
4 to 8GHz 20dB Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com