Electronic Components Datasheet Search
  English  ▼

X  

FCD4B14CC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # FCD4B14CC
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FCD4B14CC Datasheet(HTML) 2 Page - ATMEL Corporation

  FCD4B14CC Datasheet HTML 1Page - ATMEL Corporation FCD4B14CC Datasheet HTML 2Page - ATMEL Corporation FCD4B14CC Datasheet HTML 3Page - ATMEL Corporation FCD4B14CC Datasheet HTML 4Page - ATMEL Corporation FCD4B14CC Datasheet HTML 5Page - ATMEL Corporation FCD4B14CC Datasheet HTML 6Page - ATMEL Corporation FCD4B14CC Datasheet HTML 7Page - ATMEL Corporation FCD4B14CC Datasheet HTML 8Page - ATMEL Corporation FCD4B14CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FCD4B14
1962C–01/02
Die Attach is connected to pin 1 and 16, and must be grounded. FPL pin must be
grounded.
Table 1. Pin Description For DIP Ceramic Package
Pin Number
Name
Type
1GND
GND
2
AVE
Analog output
3TPP
Power
4VCC
Power
5
RST
Digital input
6
OE
Digital input
7
De0
Digital output
8
De1
Digital output
9
De2
Digital output
10
De3
Digital output
11
FPL
GND
12
Do3
Digital output
13
Do2
Digital output
14
Do1
Digital output
15
Do0
Digital output
16
GND
GND
17
ACKN
Digital output
18
PCLK
Digital input
19
TPE
Digital input
20
AVO
Analog output
GND
2
3
4
5
6
7
8
9
AVO
TPE
PCLK
ACKN
Do0
Do1
Do2
Do3
FPL
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AVE
TPP
VCC
RST
OE
De0
De1
De2
De3
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com