Electronic Components Datasheet Search
  English  ▼

X  

ELM613DA Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM613DA
Description  synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM613DA Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM613DA Datasheet HTML 1Page - ELM Technology Corporation ELM613DA Datasheet HTML 2Page - ELM Technology Corporation ELM613DA Datasheet HTML 3Page - ELM Technology Corporation ELM613DA Datasheet HTML 4Page - ELM Technology Corporation ELM613DA Datasheet HTML 5Page - ELM Technology Corporation ELM613DA Datasheet HTML 6Page - ELM Technology Corporation ELM613DA Datasheet HTML 7Page - ELM Technology Corporation ELM613DA Datasheet HTML 8Page - ELM Technology Corporation ELM613DA Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Rev.1.3
11 -
■Block diagram
■Standard circuit
Input
Cin=
10µF/25V
Ceramic
R4=100k
7
8
C2=
0.1µF
C3=10nF
C4
Option
C1=3.3nF
3
5
Cout=
22µF/6.3V
Ceramic×2
2
1
4
6
L=10µH
ELM613DA
VIN
FB
SW
EN
GND
BS
SS
COMP
R1=12.1kΩ
1%
R2=4.7kΩ
1%
R3=15kΩ
Output=
3.3V/2A
+
+
-
-
+
-
+
Current sense
amplifier
Current
comparator
Error
amplifier
Oscillator
170kHz &
550kHz
Shutdown
comparator
VIN
FB
SW
EN
GND
BS
SS
COMP
5
8
6
7
2
1
3
4
1.5V
1.2V
Internal
regulators
5V
IN
IN<4.10V
EN
OVP
M2
85mΩ
M1
85mΩ
5V
S
R
Q
Q
OVP
1.1V
6µA
0.923V
CLK
RAMP
0.3V
-
-
+
+
-
+
SOP-8(TOP VIEW)
■Pin configuration
Pin No.
Pin name
Pin description
1
BS
High-side gate drive boost input
2
VIN
Power input
3
SW
Power switching output
4
GND
Ground
5
FB
Feedback input
6
COMP
Compensation node
7
EN
Enable input
8
SS
Soft start control input
4
3
2
1
5
6
7
8
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter
Note: EN pin is clamped to 5.6V. If EN pin needs to be pulled-up, EN input current has to
be lower than 200μA with R4 (about 100kΩ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com