Electronic Components Datasheet Search
  English  ▼

X  

LM7121IM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM7121IM
Description  LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7121IM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7121IM Datasheet HTML 17Page - Texas Instruments LM7121IM Datasheet HTML 18Page - Texas Instruments LM7121IM Datasheet HTML 19Page - Texas Instruments LM7121IM Datasheet HTML 20Page - Texas Instruments LM7121IM Datasheet HTML 21Page - Texas Instruments LM7121IM Datasheet HTML 22Page - Texas Instruments LM7121IM Datasheet HTML 23Page - Texas Instruments LM7121IM Datasheet HTML 24Page - Texas Instruments LM7121IM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM7121
www.ti.com
SNOS750A – AUGUST 1999 – REVISED OCTOBER 2014
7 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
7.1 Application Information
Table 1 depicts the maximum operating supply voltage for each package type
Table 1. Maximum Supply Voltage Values
SOT-23
SO-8
Single Supply
10 V
30 V
Dual Supplies
±5 V
±15 V
Stable unity gain operation is possible with supply voltage of 5 V for all capacitive loads. This allows the
possibility of using the device in portable applications with low supply voltages with minimum components around
it.
Above a supply voltage of 6 V (±3 V Dual supplies), an additional resistor and capacitor (shown in Figure 69)
should be placed in the feedback path to achieve stability at unity gain over the full temperature range.
The package power dissipation should be taken into account when operating at high ambient temperatures
and/or high power dissipative conditions. Refer to the power derating curves in the data sheet for each type of
package.
In determining maximum operable temperature of the device, make sure the total power dissipation of the device
is considered; this includes the power dissipated in the device with a load connected to the output as well as the
nominal dissipation of the op amp.
The device is capable of tolerating momentary short circuits from its output to ground but prolonged operation in
this mode will damage the device, if the maximum allowed junction temperation is exceeded.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM7121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com