Electronic Components Datasheet Search
  English  ▼

X  

LMH6559 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6559
Description  High-Speed, Closed-Loop Buffer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6559 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6559 Datasheet HTML 1Page - Texas Instruments LMH6559 Datasheet HTML 2Page - Texas Instruments LMH6559 Datasheet HTML 3Page - Texas Instruments LMH6559 Datasheet HTML 4Page - Texas Instruments LMH6559 Datasheet HTML 5Page - Texas Instruments LMH6559 Datasheet HTML 6Page - Texas Instruments LMH6559 Datasheet HTML 7Page - Texas Instruments LMH6559 Datasheet HTML 8Page - Texas Instruments LMH6559 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LMH6559
www.ti.com
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
±5V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = +5V, V− = −5V, V
O = VCM = 0V and RL = 100Ω to 0V.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
Frequency Domain Response
SSBW
Small Signal Bandwidth
VO < 0.5VPP
1750
MHz
GFN
Gain Flatness < 0.1dB
VO < 0.5VPP
200
MHz
FPBW
Full Power Bandwidth (
−3dB)
VO = 2VPP (+10dBm)
1050
MHZ
DG
Differential Gain
RL = 150Ω to 0V,
0.06
%
f = 3.58 MHz
DP
Differential Phase
RL = 150Ω to 0V,
0.02
deg
f = 3.58 MHz
Time Domain Response
tr
Rise Time
3.3V Step (20-80%)
0.4
ns
tf
Fall Time
0.5
ns
ts
Settling Time to ±0.1%
3.3V Step
9
ns
OS
Overshoot
1V Step
4
%
SR
Slew Rate
See(3)
4580
V/µs
Distortion And Noise Performance
HD2
2nd Harmonic Distortion
VO = 2VPP, f = 20MHz
−58
dBc
HD3
3rd Harmonic Distortion
VO = 2VPP, f = 20MHz
−53
dBc
THD
Total Harmonic Distortion
VO = 2VPP, f = 20MHz
−52
dBc
en
Input-Referred Voltage Noise
f = 1MHz
5.7
nV/
√Hz
CP
1dB Compression point
f = 10MHz
+23
dBm
SNR
Signal to Noise Ratio
f > 100kHz, BW = 5MHz,
89
dB
VO = 350mVrms
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Slew rate is the average of the positive and negative slew rate.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com