| Electronic Components Datasheet Search |
|
L4979MD Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4979MD Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() L4979MD L4979D 2/10 Table 2. Pin Function Figure 3. Pins Connection (Top view) SO8 N° SO20 N° Pin Name Function 1 1 En Enable input If high, regulator, watchdog and reset are operating. If low, regulator, watchdog and reset are shut down. 2 4 gnd Ground reference 5,6,15,16 gnd Ground These pins are to be connected to a heat spreader electrically grounded 3 7 Res Reset output. It is pulled down when output voltage drops below Vo_th or frequency at Wi is too low. 4 10 Vcr Reset timing adjust A capacitor between Vcr pin and gnd sets the reset delay time (trd) 5 11 Vcw Watchdog timer adjust A capacitor between Vcw pin and gnd sets the time response of the watchdog monitor. 6 14 Wi Watchdog input. If the frequency at this input pin is too low, the Reset output is activated. 7 17 Vo Voltage regulator output Output capacitor >100nF is needed for regulator stability 8 20 Vs Supply voltage Supply capacitor (e.g. 200nF) is needed for regulator stability. 2, 3, 8, 9, 12, 13, 18, 19 N. C. not connected EN GND RES VCR VCW WI VO VS 1 3 2 4 6 5 7 8 SO8 EN N.C. N.C. GND GND RES GND N.C. N.C. N.C. N.C. WI GND GND VO N.C. N.C. VS 1 3 2 4 5 6 7 8 9 18 17 16 15 14 12 13 11 19 10 20 VCR WCW D00AT457 SO8 SO20 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |