Electronic Components Datasheet Search
  English  ▼

X  

24AA044 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA044
Description  4K I2C??Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA044 Datasheet(HTML) 1 Page - Microchip Technology

  24AA044 Datasheet HTML 1Page - Microchip Technology 24AA044 Datasheet HTML 2Page - Microchip Technology 24AA044 Datasheet HTML 3Page - Microchip Technology 24AA044 Datasheet HTML 4Page - Microchip Technology 24AA044 Datasheet HTML 5Page - Microchip Technology 24AA044 Datasheet HTML 6Page - Microchip Technology 24AA044 Datasheet HTML 7Page - Microchip Technology 24AA044 Datasheet HTML 8Page - Microchip Technology 24AA044 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005286A-page 1
24AA044
Device Selection Table
Features:
• Single Supply with Operation from 1.7V to 5.5V
• Low-Power CMOS Technology:
- Read current 400
A, max
- Standby current 1
A, max at 85°C
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Four Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 1 MHz, 400 kHz, and 100 kHz Clock Compatibility
• Page Write Time 5 ms Maximum
• Self-timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
UDFN and MSOP
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA044 is a 4 Kbit
Serial Electrically Erasable PROM with a voltage
range of 1.7V to 5.5V. The device is organized as two
blocks of 256 x 8-bit memory with a 2-wire serial
interface. Low-current design permits operation with
standby and active currents of only 1
A and 400 A,
respectively. The device has a page write capability for
up to 16 bytes of data. Functional address lines allow
the connection of up to four 24AA044 devices on the
same bus for up to 16K bits of contiguous EEPROM
memory. The device is available in the standard 8-pin
PDIP, 8-pin SOIC (3.90 mm), TSSOP, 2x3 UDFN and
MSOP packages.
Package Types
Block Diagram
Part
Number
VCC Range
Max Clock
Frequency
Temp.
Range
24AA044
1.7V-5.5V
1 MHz(1)
I, E
Note 1:
400 kHz for 1.8V ≤ VCC < 2.2V
100 kHz for VCC < 1.8V
NC
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/SOIC/TSSOP/MSOP
NC
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
UDFN
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
WP
A1A2
4K I2CSerial EEPROM


Similar Part No. - 24AA044

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
4K/8K 1.8V I2C Serial EEPROMs
1996
24AA04 MICROCHIP-24AA04 Datasheet
418Kb / 26P
4K I2C??Serial EEPROM
2007
24AA04 MICROCHIP-24AA04 Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24AA04 MICROCHIP-24AA04 Datasheet
343Kb / 26P
4K I2C Serial EEPROM
12/08/06
24AA04-E/CS16K MICROCHIP-24AA04-E/CS16K Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
More results

Similar Description - 24AA044

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA04 MICROCHIP-24AA04_07 Datasheet
418Kb / 26P
4K I2C??Serial EEPROM
2007
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24LC04BT-I-SNG MICROCHIP-24LC04BT-I-SNG Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24AA04IP MICROCHIP-24AA04IP Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
02/04/09
24LC04BT-I MICROCHIP-24LC04BT-I Datasheet
419Kb / 26P
4K I2C Serial EEPROM
12/08/06
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
4K I2C Serial EEPROM
12/08/06
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com