Electronic Components Datasheet Search
  English  ▼

X  

LMH6683MT/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6683MT/NOPB
Description  LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6683MT/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6683MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH6683MT/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LMH6682, LMH6683
SNOSA43A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
At TA = 25°C, V
+ = +5V, V− = −5V, R
F = 510Ω for A = +2; unless otherwise specified.
Non-Inverting Frequency Response
Inverting Frequency Response
Figure 3.
Figure 4.
Non-Inverting Frequency Response for Various Gain
Inverting Frequency Response for Various Gain
Figure 5.
Figure 6.
Non-Inverting Phase vs. Frequency for Various Gain
Inverting Phase vs. Frequency for Various Gain
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6682 LMH6683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com