Electronic Components Datasheet Search
  English  ▼

X  

DS26S10 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26S10
Description  Quad Bus Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26S10 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS26S10 Datasheet HTML 1Page - National Semiconductor (TI) DS26S10 Datasheet HTML 2Page - National Semiconductor (TI) DS26S10 Datasheet HTML 3Page - National Semiconductor (TI) DS26S10 Datasheet HTML 4Page - National Semiconductor (TI) DS26S10 Datasheet HTML 5Page - National Semiconductor (TI) DS26S10 Datasheet HTML 6Page - National Semiconductor (TI) DS26S10 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note *NO
TARGET FOR FNXref NS859*)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Temperature (Ambient) Under Bias
−55˚C to +125˚C
Supply Voltage to Ground Potential
−0.5V to +7V
DC Voltage Applied to Outputs for
−0.5V to +V
CC Max
High Output State
DC Input Voltage
−0.5V to +5.5V
Output Current, Into Bus
200 mA
Output Current, Into Outputs
(Except Bus)
30 mA
DC Input Current
−30 mA to +5 mA
Maximum Power Dissipation (Note 1) at 25˚C
Molded Package
1362 mW
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
DS26S10
4.75
5.25
V
Temperature (T
A)
DS26S10
0
+70
˚C
Note 1: Derate cavity package 9.6 mW/˚C above 25˚C; derate molded pack-
age 10.9 mW/˚C above 25˚C, derate PLCC package TBD mW/˚C above
25˚C.
Electrical Characteristics
(Unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
(Note 3)
V
OH
Output High Voltage
V
CC = Min, IOH = −1 mA,
Military
2.5
3.4
V
(Receiver Outputs)
V
IN = VIL or VIH
Commercial
2.7
3.4
V
V
OL
Output Low Voltage
V
CC = Min, IOL = 20 mA,
0.5
V
(Receiver Outputs)
V
IN = VIL or VIH
V
IH
Input High Level
Guaranteed Input Logical High for
2.0
V
(Except Bus)
All Inputs
V
IL
Input Low Level
Guaranteed Input Logical Low for
0.8
V
(Except Bus)
All Inputs
V
I
Input Clamp Voltage
V
CC = Min, IIN = −18 mA
−1.2
V
(Except Bus)
I
IL
Input Low Current
V
CC = Max, VIN = 0.4V
Enable
−0.36
mA
(Except Bus)
Data
−0.54
mA
I
IH
Input High Current
V
CC = Max, VIN = 2.7V
Enable
20
µA
(Except Bus)
Data
30
µA
I
I
Input High Current
V
CC = Max, VIN = 5.5V
100
µA
(Except Bus)
I
SC
Output Short-Circuit Current
V
CC = Max, (Note 4)
Military
−20
−55
mA
(Except Bus)
Commercial
−18
−60
mA
I
CCL
Power Supply Current
V
CC = Max, Enable = GND
DS26S10
45
70
mA
(All Bus Outputs Low)
DS26S11
80
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com