Electronic Components Datasheet Search
  English  ▼

X  

LMS4684 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMS4684
Description  0.5 Low-Voltage, Dual SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS4684 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS4684 Datasheet HTML 1Page - National Semiconductor (TI) LMS4684 Datasheet HTML 2Page - National Semiconductor (TI) LMS4684 Datasheet HTML 3Page - National Semiconductor (TI) LMS4684 Datasheet HTML 4Page - National Semiconductor (TI) LMS4684 Datasheet HTML 5Page - National Semiconductor (TI) LMS4684 Datasheet HTML 6Page - National Semiconductor (TI) LMS4684 Datasheet HTML 7Page - National Semiconductor (TI) LMS4684 Datasheet HTML 8Page - National Semiconductor (TI) LMS4684 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LMS4684
0.5
Ω Low-Voltage, Dual SPDT Analog Switch
General Description
The LMS4684 is a low on-resistance, low voltage dual SPDT
(Single-Pole/Double-Throw) analog switch that operates
from a 1.8V to 5.5V supply. The LMS4684 features a 0.5
Ω
R
ON for its NC switch and 0.8
Ω R
ON for its NO switch at a
2.7V supply. The digital logic inputs are 1.8V logic-
compatible with a 2.7V to 3.3V supply.
The LMS4684 is available in the 12 bump micro SMD and
the 10 lead LLP miniature packages. These PCB real estate
saving packages offer extreme performance while saving
money with small footprints.
Features
n
NC switch R
ON
0.5
Ω max @ 2.7V
n
NO switch R
ON
0.8
Ω max @ 2.7V
n
50nA (max) supply current
T
A = 25˚C
n
1.8 to 5.5V single supply operation
n
12-Bump micro SMD package
n
LLP-10 package, 3x4mm
n
See AN-1112 for micro SMD package considerations
n
See AN-1187 for LLP package considerations
Applications
n
Power routing
n
Battery-operated equipment
n
Communications circuits
n
Modems
n
Cell phones
Connection Diagrams
10-LLP Package
12-Bump micro SMD Package
20077501
DAP needs to be connected to pin 6 on the board
Top View
20077502
Center Bumps B2 and C2 are Not Electrically Connected
Top View
(Bumped Side Down)
IN
NO
NC
0
Off
On
1
On
Off
Switches shown for Logic "0" input
June 2004
© 2004 National Semiconductor Corporation
DS200775
www.national.com


Similar Part No. - LMS4684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
LMS4684 TI-LMS4684 Datasheet
956Kb / 18P
0.5Ohm Low-Voltage, Dual SPDT Analog Switch
LMS4684 TI2-LMS4684 Datasheet
545Kb / 18P
LMS4684 0.5Ω Low-Voltage, Dual SPDT Analog Switch
REVISED APRIL 2013
LMS4684ITL/NOPB TI-LMS4684ITL/NOPB Datasheet
956Kb / 18P
0.5Ohm Low-Voltage, Dual SPDT Analog Switch
LMS4684ITL/NOPB TI2-LMS4684ITL/NOPB Datasheet
545Kb / 18P
LMS4684 0.5Ω Low-Voltage, Dual SPDT Analog Switch
REVISED APRIL 2013
More results

Similar Description - LMS4684

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1746 AMSCO-AS1746 Datasheet
360Kb / 2P
0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
ams AG
AS1746 AMSCO-AS1746_1 Datasheet
483Kb / 15P
0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
Ultra-Low 0.5廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com